Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT9B92 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Rev. 1.20
18
November 25, 2015
HT9B92
Initialization
Software Reset Setting
Power On
LCD Current Mode Setting
Oscillator Source Input Mode Setting
Internal LCD Bias Setting
LCD Blinking Frequency Setting
Next processing
LCD Output Waveform Setting
LCD Frame Frequency Setting
Display Data Write (Address Setting)
Start
Address setting
Display data RAM write
Display on
Next processing
All Pixels On/Off Setting Command
ThiscommandcontrolsthatallpixelsareswitchedonoroffwhentheLCDnormallydisplays.
Function
(MSB) Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 (LSB) Bit0
Note
All Pixels On/Off setting
C
1
1
1
1
1
P1
P0
—
Note:
P [1:0]
Blinking Frequency
Remark
00
Normal Display (default) ● This command is only available when the LCD is normally
displayed. The display RAM contents will not be changed
when this command is executed.
● All pixels are switched on or off regardless of the display
RAM data when the relevant setting is selected.
01
All Pixels Off
10
All Pixels On
11
All Pixels Off
● Power on status: Normal display.
● If the programmed command is not defined, the function will not be affected.
Operation Flow Chart
Accessproceduresareillustratedbelowusingflowcharts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com