Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT9B92 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Rev. 1.20
7
November 25, 2015
HT9B92
A.C. Characteristics
VSS=0V,VDD=2.4V~5.5V, Ta=-40 to +85°C
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
VDD
Condition
fLCD1
LCD Frame Frequency
3.3V
Ta=25°C, internal oscillator is used,
Display control command: P[4:3]="00"
72.0
80.0
88.0
Hz
Ta=25°C, internal oscillator is used,
Display control command: P[4:3]="01"
63.9
71
78.1
Ta=25°C, internal oscillator is used,
Display control command: P[4:3]="10"
57.6
64.0
70.4
Ta=25°C, internal oscillator is used,
Display control command: P[4:3]="11"
47.7
53.0
58.3
fLCD2
LCD Frame Frequency
2.4~
5.5V
Ta=-40 to 85°C, internal oscillator is used,
Display control command: P[4:3]="00"
56.0
80.0 104.0
Hz
Ta=-40 to 85°C, internal oscillator is used,
Display control command: P[4:3]="01"
49.7
71.0
92.3
Ta=-40 to 85°C, internal oscillator is used,
Display control command: P[4:3]="10"
44.8
64.0
83.2
Ta=-40 to 85°C, internal oscillator is used,
Display control command: P[4:3]="11"
37.1
53.0
68.9
VPOR
VDD Start Voltage to
ensure Poewr-on Reset
—
—
—
—
100
mV
RRVDD
VDD Rise Rate to ensure
Power-on Reset
—
—
0.05
—
—
V/ms
tPOR
Minimum Time for VDD
to remain at VPOR to
ensure Power-on Reset
—
—
10
—
—
ms
Note:fLCD=1/tLCD
I2C Interface Characteristics
Unless otherwise specified, VSS=0V; VDD=2.4V~5.5V; Ta=-40 to +85°C
Symbol
Parameter
Condition
Min.
Max.
Unit
fSCL
Clock frequency
—
—
400
kHz
tBUF
bus free time
Time in which the bus must be free before a new
transmission can start
1.3
—
μs
tHD: STA
Start condition hold time
After this period, the first clock pulse is generated
0.6
—
μs
tLOW
SCL Low time
—
1.3
—
μs
tHIGH
SCL High time
—
0.6
—
μs
tSU: STA
Start condition setup time Only relevant for repeated START condition
0.6
—
μs
tHD: DAT
Data hold time
—
0
—
ns
tSU: DAT
Data setup time
—
100
—
ns
tR
SDA and SCL rise time
Note
—
0.3
μs
tF
SDA and SCL fall time
Note
—
0.3
μs
tSU: STO
Stop condition set-up time
—
0.6
—
μs
tAA
Output Valid from Clock
—
—
0.9
μs
tSP
Input Filter Time Constant
(SDA and SCL Pins)
Noise suppression time
—
50
ns
Note: Theseparametersareperiodicallysampledbutnot100%tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com