Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT9B92 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 25Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Rev. 1.20
21
November 25, 2015
HT9B92
Application Circuit
Internal Oscillator Circuit Mode
HT9B92
VSS
MCU
0.1uF
4.7kΩ
4.7kΩ
SDA
SCL
VDD
VLCD
VDD
VDD
VSS
VR*
VSS
LCD Panel
4
36
SEG
COM
Note: * Adjust VR to fit LCD display.
OSCIN
TEST1
TEST2
External Clock Input Mode
HT9B92
VSS
MCU
0.1uF
4.7kΩ
4.7kΩ
SDA
SCL
VDD
VLCD
VDD
VDD
VSS
VR*
VSS
LCD Panel
4
36
SEG
COM
Note: * Adjust VR to fit LCD display.
OSCIN
TEST1
TEST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com