Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT9B92 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Rev. 1.20
17
November 25, 2015
HT9B92
Software Reset and Oscillator Mode Setting Command
Thiscommandisusedtoselectthesystemoscillatorsourceandtoinitiateasoftwarereset.
Function
(MSB) Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 (LSB) Bit0 Note
System Oscillator Setting and Software Reset
C
1
1
0
1
X
P1
P0
—
P1
Software Reset
Remark
0
No Operation (default)
When a “Software Reset” is executed, the device will be reset
to an initial condition. Other settings can be configured after
Software reset is completed.
1
Initiate a Software Reset
P0
Oscillator Mode
Remark
0
Internal Oscillator (default) ● When the internal oscillator is used, the OSCIN pin must be
connected to VSS or open-circuit.
● When the external clock mode is selected, the external clock
is supplied on the OSCIN pin.
1
External Clock Input Mode
When the software reset is executed, the device is initialized by an internal power-on reset circuit. The status of the
internal circuits after initialization is as follows:
● All common outputs are set to VSS.
● All segment outputs are set to VSS.
● LCD Driver Output Waveform: A-type inversion.
● Internal oscillator source is selected.
● 1/3 bias is selected.
● LCD bias generator is off state.
● LCD Display and system oscillation are off state.
● Power save mode is set to normal current.
● Frame Frequency is set to 80Hz.
● Blinking function is switched off.
Note that if the programmed command is not defined, the function will not be affected.
Blinking Frequency Setting Command
Thiscommanddefinestheblinkingfrequencyofthedisplaymodes.
Function
(MSB) Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 (LSB) Bit0
Note
Blinking Frequency setting
C
1
1
1
0
X
P1
P0
—
Note:
P [1:0]
Blinking Frequency
Remark
00
Blinking off (default)
—
01
0.5 Hz
10
1 Hz
11
2 Hz
● Power on status: Blinking function is switched off.
● If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com