Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT9B92 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Rev. 1.20
19
November 25, 2015
HT9B92
Display Quality or Operating Current (Power Save Mode) Setting
Reduce operating
current or enhance
display quality.
Start
1. Please select Frame rate from 80, 71, 64, 53Hz
according to LCD panel characteristic.
2. A type inversion
3. High current mode
Display
quality
Operating
current
1. Operating current decreases in order of
80Hz → 71Hz → 64Hz → 53Hz
2. B type inversion
3. Low Current 2 mode
Screen Flicker ?
1. Operating current decreases in order of
80Hz → 71Hz → 64Hz → 53Hz
2. B type inversion
3. Low Current 1 mode
1. Please select Frame rate from 80, 71, 64, 53Hz
according to LCD panel characteristic.
2. B type inversion
3. Low Current 2 mode
No
YES
Screen Flicker ?
1. Operating current decreases in order of
80Hz → 71Hz → 64Hz → 53Hz
2. B type inversion
3. Normal Current mode
1. Please select Frame rate from 80, 71, 64, 53Hz
according to LCD panel characteristic.
2. B type inversion
3. Low Current 1 mode
No
YES
Screen Flicker ?
1. Operating current decreases in order of
80Hz → 71Hz → 64Hz → 53Hz
2. B type inversion
3. High Current mode
1. Please select Frame rate from 80, 71, 64, 53Hz
according to LCD panel characteristic.
2. B type inversion
3. Normal Current mode
No
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com