Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 156 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 156 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 152Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 153Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 154Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 155Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 156Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 157Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 158Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 159Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 160Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 235 page
background image
Rev. 1.30
15�
�ove��e� 1�� �01�
Rev. 1.30
157
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Bit3
TXAK:I2CBustransmitacknowledgeflag
0:Slavesendacknowledgeflag
1:Slavedonotsendacknowledgeflag
TheTXAKbitisthetransmitacknowledgeflag.Aftertheslavedevicereceiptof8-bits
ofdata,thisbitwillbetransmittedtothebusonthe9thclockfromtheslavedevice.
TheslavedevicemustalwayssetTXAKbitto“0”beforefurtherdataisreceived.
Bit2
SRW:I2CSlaveRead/Writeflag
0:Slavedeviceshouldbeinreceivemode
1:Slavedeviceshouldbeintransmitmode
TheSRWflagistheI2CSlaveRead/Writeflag.Thisflagdetermineswhether
themasterdevicewishestotransmitorreceivedatafromtheI2Cbus.Whenthe
transmittedaddressandslaveaddressismatch,thatiswhentheHAASflagissethigh,
theslavedevicewillchecktheSRWflagtodeterminewhetheritshouldbeintransmit
modeorreceivemode.IftheSRWflagishigh,themasterisrequestingtoreaddata
fromthebus,sotheslavedeviceshouldbeintransmitmode.WhentheSRWflag
iszero,themasterwillwritedatatothebus,thereforetheslavedeviceshouldbein
receivemodetoreadthisdata.
Bit1
IAMWU:I2CAddressMatchWake-upControl
0:Disable
1:Enable–mustbeclearedbytheapplicationprogramafterwake-up
Thisbitshouldbesetto1toenabletheI2CaddressmatchwakeupfromtheSLEEP
orIDLEMode.IftheIAMWUbithasbeensetbeforeenteringtheSLEEPorIDLE
modetoenabletheI2Caddressmatchwakeup,thenthisbitmustbeclearedbythe
applicationprogramafterwake-uptoensurecorrectiondeviceoperation.
Bit0
RXAK:I2CBusReceiveacknowledgeflag
0:Slavereceiveacknowledgeflag
1:Slavedonotreceiveacknowledgeflag
TheRXAKflagisthereceiveracknowledgeflag.WhentheRXAKflagis“0”,it
meansthataacknowledgesignalhasbeenreceivedatthe9thclock,after8bitsofdata
havebeentransmitted.Whentheslavedeviceinthetransmitmode,theslavedevice
checkstheRXAKflagtodetermineifthemasterreceiverwishestoreceivethenext
byte.TheslavetransmitterwillthereforecontinuesendingoutdatauntiltheRXAK
flagis“1”.Whenthisoccurs,theslavetransmitterwillreleasetheSDAlinetoallow
themastertosendaSTOPsignaltoreleasetheI2CBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com