Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 157 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 157 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 153Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 154Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 155Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 156Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 157Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 158Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 159Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 160Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 161Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 235 page
background image
Rev. 1.30
15�
�ove��e� 1�� �01�
Rev. 1.30
157
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
TheSIMDregisterisusedtostorethedatabeingtransmittedandreceived.Thesameregisterisused
byboththeSPIandI2Cfunctions.BeforethedevicewritesdatatotheI2Cbus,theactualdatato
betransmittedmustbeplacedintheSIMDregister.AfterthedataisreceivedfromtheI2Cbus,the
devicecanreaditfromtheSIMDregister.AnytransmissionorreceptionofdatafromtheI2Cbus
mustbemadeviatheSIMDregister.
SIMD Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
×
×
×
×
×
×
×
×
“×”: unknown
SIMA Register
Bit
7
6
5
4
3
2
1
0
�a�e
A�
A5
A4
A3
A�
A1
A0
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
POR
0
0
0
0
0
0
0
—
bit7~1
A6~ A0:I2Cslaveaddress
A6~A0istheI2Cslaveaddressbit6~bit0.
TheSIMAregisterisalsousedbytheSPIinterfacebuthasthenameSIMC2.The
SIMAregisteristhelocationwherethe7-bitslaveaddressoftheslavedeviceis
stored.Bits7~1oftheSIMAregisterdefinethedeviceslaveaddress.Bit0isnot
defined.Whenamasterdevice,whichisconnectedtotheI2Cbus,sendsoutan
address,whichmatchestheslaveaddressintheSIMAregister,theslavedevicewill
beselected.NotethattheSIMAregisteristhesameregisteraddressasSIMC2which
isusedbytheSPIinterface.
Bit0
Undefinedbit
Thisbitcanbereadorwrittenbyusersoftwareprogram.
I 2 C Da ta R egi st er
(S IM D)
Sl av e Ad dr es s Re gi st er
(S IM A)
Sh if t Re gi st er
Di re ct io n Co nt ro l
M
U
X
Ad dr es s Ma tc h
HA AS B it
I 2 C In te rr up t
Da ta i n M SB
Da ta O u t MS B
Tr an sm it /R ec ei ve
Co nt ro l Un it
8- bi t D at a Co mp le te
De te ct S ta rt o r St op
Da ta B us
Ad dr es s
Co mp ar at or
TX AK
Re ad /w ri te S la ve
SR W Bi t
HB B Bi t
HT X Bi t
HC F Bi t
D eboun ce
Ci rc ui tr y
SC L Pi n
SD A Pi n
f SY S
SI MD BN C1
&
SI MD BN C0
SI MT OF b it
Ti me -o ut
C ont ro l
SI MT OF
A ddr es s Ma tc h
SI MT OE N
f SU B
I2C Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com