Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 177 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 177 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 173Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 174Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 175Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 176Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 177Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 178Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 179Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 180Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 181Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 235 page
background image
Rev. 1.30
17�
�ove��e� 1�� �01�
Rev. 1.30
177
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
UART Module Interrupt Structure
SeveralindividualUARTconditionscangenerateaUARTinterrupt.Whentheseconditionsexist,
alowpulsewillbegeneratedtogettheattentionofthemicrocontroller.Theseconditionsarea
transmitterdataregisterempty,transmitteridle,receiverdataavailable,receiveroverrun,address
detectandanRXpinwake-up.Whenanyoftheseconditionsarecreated,ifitscorresponding
interruptcontrolisenabledandthestackisnotfull,theprogramwilljumptoitscorresponding
interruptvectorwhereitcanbeservicedbeforereturningtothemainprogram.Fourofthese
conditionshavethecorrespondingUSRregisterflagswhichwillgenerateaUARTinterruptifits
associatedinterruptenablecontrolbitintheUCR2registerisset.Thetwotransmitterinterrupt
conditionshavetheirowncorrespondingenablecontrolbits,whilethetworeceiverinterrupt
conditionshaveasharedenablecontrolbit.Theseenablebitscanbeusedtomaskoutindividual
UARTinterruptsources.
Theaddressdetectcondition,whichisalsoaUARTinterruptsource,doesnothaveanassociated
flag,butwillgenerateaUARTinterruptwhenanaddressdetectconditionoccursifitsfunction
isenabledbysettingtheADDENbitintheUCR2register.AnRXpinwake-up,whichisalsoa
UARTinterruptsource,doesnothaveanassociatedflag,butwillgenerateaUARTinterruptifthe
microcontrolleriswokenupbyafallingedgeontheRXpin,iftheWAKEandRIEbitsintheUCR
registerareset.NotethatintheeventofanRXwake-upinterruptoccurring,therewillbeacertain
periodofdelay,commonlyknownastheSystemStart-upTime,fortheoscillatortorestartand
stabilizebeforethesystemresumesnormaloperation.
NotethattheUSRregisterflagsarereadonlyandcannotbeclearedorsetbytheapplication
program,neitherwilltheybeclearedwhentheprogramjumpstothecorrespondinginterrupt
servicingroutine,asisthecaseforsomeoftheotherinterrupts.Theflagswillbecleared
automaticallywhencertainactionsaretakenbytheUART,thedetailsofwhicharegiveninthe
UARTregistersection.TheoverallUARTinterruptcanbedisabledorenabledbytherelated
interruptenablecontrolbitsintheinterruptcontrolregistersofthemicrocontrollertodecidewhether
theinterruptrequestedbytheUARTmoduleismaskedoutorallowed.
T�ans�itte� E�pty
Flag TXIF
USR Registe�
T�ans�itte� Idle
Flag TIDLE
Receive� Ove��un
Flag OERR
Receive� Data
Availa�le RXIF
ADDE�
RX Pin
Wake-up
WAKE
0
1
0
1
0
1
RX7 if B�O=0
RX� if B�O=1
UCR� Registe�
OR
RIE
0
1
TIIE
0
1
TEIE
0
1
UART Inte��upt
Request Flag
UARF
UCR� Registe�
To MCU Inte��upt Cont�olle�
UART Interrupt Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com