Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 178 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 178 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 174Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 175Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 176Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 177Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 178Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 179Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 180Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 181Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 182Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 235 page
background image
Rev. 1.30
17�
�ove��e� 1�� �01�
Rev. 1.30
179
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Address detect mode
SettingtheAddressDetectModebit,ADDEN,intheUCR2register,enablesthisspecialmode.If
thisbitisenabledthenanadditionalqualifierwillbeplacedonthegenerationofaReceiverData
Availableinterrupt,whichisrequestedbytheRXIFflag.IftheADDENbitisenabled,thenwhen
dataisavailable,aninterruptwillonlybegenerated,ifthehighestreceivedbithasahighvalue.
NotethattheMFE,UREandEMIinterruptenablebitsmustalsobeenabledforcorrectinterrupt
generation.Thishighestaddressbitisthe9thbitifBNO=1orthe8thbitifBNO=0.Ifthisbit
ishigh,thenthereceivedwordwillbedefinedasanaddressratherthandata.ADataAvailable
interruptwillbegeneratedeverytimethelastbitofthereceivedwordisset.IftheADDENbit
isnotenabled,thenaReceiverDataAvailableinterruptwillbegeneratedeachtimetheRXIF
flagisset,irrespectiveofthedatalastbitstatus.Theaddressdetectmodeandparityenableare
mutuallyexclusivefunctions.Thereforeiftheaddressdetectmodeisenabled,thentoensurecorrect
operation,theparityfunctionshouldbedisabledbyresettingtheparityenablebittozero.
ADDEN
Bit 9 if BNO=1,
Bit 8 if BNO=0
UART Interrupt
Generated
0
0
√
1
√
1
0
×
1
√
ADDEN Bit Function
UART Module Power Down and Wake-up
WhenthefSYSisoff,theUARTwillceasetofunction.Allclocksourcestothemoduleareshutdown.
IfthefSYSisoffwhileatransmissionisstillinprogress,thenthetransmissionwillbepauseduntil
theUARTclocksourcederivedfromthemicrocontrollerisactivated.Inasimilarway,iftheMCU
entersthePowerDownModewhilereceivingdata,thenthereceptionofdatawilllikewisebe
paused.WhentheMCUentersthePowerDownMode,notethattheUSR,UCR1,UCR2,transmit
andreceiveregisters,aswellastheBRGregisterwillnotbeaffected.Itisrecommendedtomake
surefirstthattheUARTdatatransmissionorreceptionhasbeenfinishedbeforethemicrocontroller
entersthePowerDownmode.
TheUARTfunctioncontainsareceiverRXpinwake-upfunction,whichisenabledordisabled
bytheWAKEbitintheUCR2register.Ifthisbit,alongwiththeUARTenablebit,UARTEN,the
receiverenablebit,RXENandthereceiverinterruptbit,RIE,areallsetbeforetheMCUenters
thePowerDownMode,thenafallingedgeontheRXpinwillwakeuptheMCUfromthePower
DownMode.Notethatasittakescertainsystemclockcyclesafterawake-up,beforenormal
microcontrolleroperationresumes,anydatareceivedduringthistimeontheRXpinwillbeignored.
ForaUARTwake-upinterrupttooccur,inadditiontothebitsforthewake-upbeingset,theglobal
interruptenablebit,EMI,andtheUARTinterruptenablebit,UARE,mustalsobeset.Ifthesetwo
bitsarenotsetthenonlyawakeupeventwilloccurandnointerruptwillbegenerated.Notealso
thatasittakescertainsystemclockcyclesafterawake-upbeforenormalmicrocontrollerresumes,
theUARTinterruptwillnotbegenerateduntilafterthistimehaselapsed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com