Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 188 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 188 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 184Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 185Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 186Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 187Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 188Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 189Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 190Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 191Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 192Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 235 page
background image
Rev. 1.30
1��
�ove��e� 1�� �01�
Rev. 1.30
1�9
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
I�T0 Pin
I�T1 Pin
I�T0F
I�T1F
I�T0E
I�T1E
EMI
04H
EMI
0�H
M. Funct. 0
MF0F
MF0E
0CH
10H
14H
SIM
SIMF
SIME
1�H
Inte��upt
�a�e
Request
Flags
Ena�le
Bits
Maste�
Ena�le
Vector
EMI auto disa�led in ISR
P�io�ity
High
Low
PTM0 P
PTM0PF
PTM0PE
PTM0 A
PTM0AF
PTM0AE
M. Funct. 1
MF1F
MF1E
CTM P
CTMPF
CTMPE
CTM A
CTMAF
CTMAE
Inte��upts contained within
Multi-Function Inte��upts
xxE
Ena�le Bits
xxF
Request Flag� auto �eset in ISR
Legend
xxF
Request Flag� no auto �eset in ISR
EMI
EMI
M. Funct. �
MF�F
MF�E
STM P
STMPF
STMPE
STM A
STMAF
STMAE
EMI
EMI
Ti�e Base 0
TB0F
TB0E
Ti�e Base 1
TB1F
TB1E
1CH
EMI
�0H
EMI
PTM1 A
PTM1AF
PTM1AE
PTM1 P
PTM1PF
PTM1PE
EEPROM
DEF
DEE
LVD
LVF
LVE
UART
UARTF
UARTE
�4H
EMI
Interrupt Structure – HT69F360
External Interrupt
TheexternalinterruptiscontrolledbysignaltransitionsonthepinsINT0~INT1.Anexternal
interruptrequestwilltakeplacewhentheexternalinterruptrequestflags,INT0F~INT1F,areset,
whichwilloccurwhenatransition,whosetypeischosenbytheedgeselectbits,appearsonthe
externalinterruptpins.Toallowtheprogramtobranchtotheinterruptvectoraddress,theglobal
interruptenablebit,EMI,andtheexternalinterruptenablebit,INT0E~INT1E,mustfirstbeset.
AdditionallythecorrectinterruptedgetypemustbeselectedusingtheINTEGregistertoenablethe
externalinterruptfunctionandtochoosethetriggeredgetype.Astheexternalinterruptpinispin-
sharedwithI/Opins,theycanonlybeconfiguredasexternalinterruptpinsiftheirexternalinterrupt
enablebitinthecorrespondinginterruptregisterhasbeenset.Thepinmustalsobesetupasaninput
bysettingthecorrespondingbitintheportcontrolregister.Whentheinterruptisenabled,thestack
isnotfullandthecorrecttransitiontypeappearsontheexternalinterruptpin,asubroutinecallto
theexternalinterruptvector,willtakeplace.Whentheinterruptisserviced,theexternalinterrupt
requestflags,INT0F~INT1F,willbeautomaticallyresetandtheEMIbitwillbeautomatically
clearedtodisableotherinterrupts.Notethatthepull-highresistorselectionontheexternalinterrupt
pinwillremainvalidevenifthepinisusedasanexternalinterruptinput.
TheINTEGregisterisusedtoselectthetypeofactiveedgethatwilltriggertheexternalinterrupt.
Achoiceofeitherrisingorfallingorbothedgetypescanbechosentotriggeranexternalinterrupt.
NotethattheINTEGregistercanalsobeusedtodisabletheexternalinterruptfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com