Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 189 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 189 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 185Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 186Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 187Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 188Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 189Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 190Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 191Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 192Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 193Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 235 page
background image
Rev. 1.30
1��
�ove��e� 1�� �01�
Rev. 1.30
1�9
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Time Base Interrupts
ThefunctionoftheTimeBaseInterruptistoprovideregulartimesignalintheformofaninternal
interrupt.Itiscontrolledbytheoverflowsignalfromitsinternaltimer.Whenthishappensits
interruptrequestflag,TBnF,willbeset.Toallowtheprogramtobranchtoitsrespectiveinterrupt
vectoraddresses,theglobalinterruptenablebit,EMIandTimeBaseenablebit,TBnE,mustfirstbe
set.Whentheinterruptisenabled,thestackisnotfullandtheTimeBaseoverflows,asubroutine
calltoitsrespectivevectorlocationwilltakeplace.Whentheinterruptisserviced,theinterrupt
requestflag,TBnF,willbeautomaticallyresetandtheEMIbitwillbeclearedtodisableother
interrupts.
ThepurposeoftheTimeBaseInterruptistoprovideaninterruptsignalatfixedtimeperiods.Its
clocksource,fTB,originatesfromtheinternalclocksourcefSUBorfSYS/4.Andthenpassesthrough
adivider,thedivisionratioofwhichisselectedbyprogrammingtheappropriatebitsintheTBC
registertoobtainlongerinterruptperiodswhosevalueranges.Theclocksourcewhichinturn
controlstheTimeBaseinterruptperiodisselectedusingabitintheTBCregister.
M
U
X
M
U
X
LX T
LI RC
f SY S /4
¸ 2 ~ 2
81 5
¸ 2 ~ 2
12
15
TB 11 ~T B1 0
Ti me B as e 0 In te rr upt
Ti me B as e 1 In te rr upt
F SS B it
TB CK B it
TB 02 ~T B0 0
f TB
f SU B
Time Base Interrupt
TBC Register
Bit
7
6
5
4
3
2
1
0
�a�e
TBO�
TBCK
TB11
TB10
—
TB0�
TB01
TB00
R/W
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
POR
0
0
1
1
—
1
1
1
Bit7
TBON:TB0andTB1Controlbit
0:Disable
1:Enable
Bit6
TBCK:SelectfTBClock
0:fSUB
1:fSYS/4
Bit5~4
TB11 ~ TB10:SelectTimeBase1Time-outPeriod
00:212/fTB
01:213/fTB
10:214/fTB
11:215/fTB
Bit3
Unimplemented,readas“0”
Bit2~0
TB02 ~ TB00:SelectTimeBase0Time-outPeriod
000:28/fTB
001:29/fTB
010:210/fTB
011:211/fTB
100:212/fTB
101:213/fTB
110:214/fTB
111:215/fTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com