Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 193 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 193 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 189Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 190Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 191Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 192Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 193Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 194Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 195Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 196Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 197Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 235 page
background image
Rev. 1.30
19�
�ove��e� 1�� �01�
Rev. 1.30
193
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
LVDC Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
LVDO
LVDE�
LVPU
VLVD�
VLVD1
VLVD0
R/W
—
—
R
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas"0"
Bit5
LVDO:LVDOutputFlag
0:NoLowVoltageDetect
1:LowVoltageDetect
Bit4
LVDEN:LowVoltageDetectorControl
0:Disable
1:Enable
Bit3
LVPU:I/OportsPull-highresistorControl
0:Allpinpull-highresistoris60kΩ@5V(normalmode)
1:Allpinpull-highresistoris15kΩ@5V(lowvoltagemode)
Bit2~0
VLVD2 ~ VLVD0:SelectLVDVoltage
000:1.8V
001:2.0V
010:2.4V
011:2.7V
100:3.0V
101:3.3V
110:3.6V
111:4.0V
LVD Operation
TheLowVoltageDetectorfunctionoperatesbycomparingthepowersupplyvoltage,VDD,witha
pre-specifiedvoltagelevelstoredintheLVDCregister.Thishasarangeofbetween1.8Vand4.0V.
Whenthepowersupplyvoltage,VDD,fallsbelowthispre-determinedvalue,theLVDObitwillbe
sethighindicatingalowpowersupplyvoltagecondition.TheLowVoltageDetectorfunctionis
suppliedbyareferencevoltagewhichwillbeautomaticallyenabled.WhenthedeviceisinSLEEP
modethelowvoltagedetectorwillbeautomaticallydisabled.AfterenablingtheLowVoltage
Detector,atimedelaytLVDSshouldbeallowedforthecircuitrytostabilisebeforereadingtheLVDO
bit.NotealsothatastheVDDvoltagemayriseandfallratherslowly,atthevoltagenearsthatof
VLVD,theremaybemultiplebitLVDOtransitions.
VD D
V LV D
LV DE N
LV DO
t LV DS
LVD Operation
TheLowVoltageDetectoralsohasitsowninterruptwhichiscontainedwithinoneoftheMulti-
functioninterrupts,providinganalternativemeansoflowvoltagedetection,inadditiontopolling
theLVDObit.TheinterruptwillonlybegeneratedafteradelayoftLVDaftertheLVDObithasbeen
sethighbyalowvoltagecondition.WhenthedeviceispowereddowntheLowVoltageDetector
willremainactiveiftheLVDENbitishigh.Inthiscase,theLVFinterruptrequestflagwillbeset,
causinganinterrupttobegeneratedifVDDfallsbelowthepresetLVDvoltage.Thiswillcausethe
devicetowake-upfromtheSLEEPMode,howeveriftheLowVoltageDetectorwakeupfunctionis
notrequiredthentheLVFflagshouldbefirstsethighbeforethedeviceenterstheSLEEPMode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com