Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 196 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 196 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 192Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 193Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 194Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 195Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 196Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 197Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 198Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 199Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 200Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 235 page
background image
Rev. 1.30
19�
�ove��e� 1�� �01�
Rev. 1.30
197
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
LCD Registers
Therearetwocontrolregisters,namedasLCDC0andLCDC1,intheDataMemoryusedtocontrol
thevarioussetupfeaturesoftheLCDDriver.Variousbitsintheseregisterscontrolfunctionssuch
aswavetype,dutytype,biasduty,biasresistorselection,R/CtypeaswellasoverallLCDenable/
disableandLCDpowersourceselection.
TheLCDENbitintheLCDC0register,whichprovidestheoverallLCDenable/disablefunction,
willonlybeeffectivewhenthedeviceisintheNormal,SloworIdleMode.Ifthedevicesarein
theSleepModethenthedisplaywillalwaysbedisabled.RSEL1~RSEL0intheLCDC0register
selecttheinternalbiasresistortosupplytheLCDpanelwiththecorrectbiasvoltage.Achoiceto
bestmatchtheLCDpanelusedintheapplicationcanbeselectedalsotominimisebiascurrent.
TheTYPEbitinthesameregisterisusedtoselectwhetherTypeAorTypeBLCDcontrolsignals
areused.IftheoutputfunctionofdisplaypinsSEGnareusedassegmentdriversorI/Oorother
functionsisdeterminedbypin-sharedfunctionselectionregisters.
Register
Name
Bit
7
6
5
4
3
2
1
0
LCDC0
TYPE
—
DTYC
—
BIAS
RSEL1
RSEL0
LCDE�
LCDC1
—
—
—
—
—
RCT
LCDP1
LCDP0
LCDC0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
TYPE
—
DTYC
—
BIAS
RSEL1
RSEL0
LCDE�
R/W
R/W
—
R/W
—
R/W
R/W
R/W
R/W
POR
0
—
0
—
0
0
0
0
Bit7
TYPE:LCDWaveTypeControl
0:TypeA
1:TypeB
Bit6
Unimplemented,readas“0”
Bit5
DTYC:LCDDutyControl
0:1/3duty
1:1/4duty
Bit4
Unimplemented,readas“0”
Bit3
BIAS:LCDBiasControl
0:1/2bias
1:1/3bias
Bit2~1
RSEL1~RSEL0:LCDBiasResistorSelection
When1/3Bias
00:600kΩ
01:300kΩ
10:100kΩ
11:50kΩ
When1/2Bias
00:400kΩ
01:200kΩ
10:67kΩ
11:34kΩ
Bit0
LCDEN:LCDEnableControl
0:Disable
1:Enable
IntheNORNAL,SLOWorIDLEmode,theLCDon/offfunctioncanbecontrolledby
thisbit.IntheSLEEPmode,theLCDisalwaysoff.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com