Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 198 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 198 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 194Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 195Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 196Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 197Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 198Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 199Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 200Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 201Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 202Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 235 page
background image
Rev. 1.30
19�
�ove��e� 1�� �01�
Rev. 1.30
199
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
LCD Voltage Source and Biasing
ThetimeandamplitudevaryingsignalsgeneratedbytheLCDDriverfunctionrequirethegeneration
ofseveralvoltagelevelsfortheiroperation.ThedevicecanhaveeitherRtypeorCtypebiasing
selectedviaasoftwarecontrolbitRCTintheLCDC1register.SelectingtheCtypebiasingwill
enableaninternalchargepumpcircuitry.
R Type Biasing
ForRtypebiasinganexternalLCDvoltagesourcemustbesuppliedonpinVLCDtogeneratethe
internalbiasingvoltages.Thiscouldbethemicrocontrollerpowersupplyorsomeothervoltage
source.FortheRtype1/2biasselection,threevoltagelevelsVSS,VAandVBareutilised.The
voltageVAisequaltotheexternallysuppliedvoltagesourceappliedtopinVLCD.ThevoltageVBis
generatedinternallybythemicrocontrollerandwillhaveavalueequaltoVLCD/2.FortheRtype1/3
biasselection,fourvoltagelevelsVSS,VA,VBandVCareutilised.ThevoltageVAisequaltoVLCD.
ThevoltageVBisequaltoVLCD×2/3whilethevoltageVCisequaltoVLCD×1/3.
For1/2or1/3bias,differentvaluesofinternalbiasresistorscanbeselectedusingtheRSEL0and
RSEL1bitsintheLCDC0register.ThisalongwiththevoltageonpinVLCDwilldeterminethebias
current.TheconnectiontotheVMAXpindependsuponthevoltagethatisappliedtotheVLCDpin.
IftheVDDvoltageisgreaterthanthevoltageappliedtotheVLCDpinthentheVMAXpinshould
beconnectedtoVDD,otherwisetheVMAXpinshouldbeconnectedtopinVLCD.Notethatno
externalcapacitorsorresistorsarerequiredtobeconnectedifRtypebiasingisused.
R t y pe 1 /3 B ia s
R
R
VL CD
V A
V B
LC D
Po we r Su pp ly
V C
R
(= VL CD ´ 2/ 3)
(= VL CD ´ 1/ 3)
(= VL CD)
LC D On /O ff
VM AX
R Type Bias Voltage Levels
Condition
VMAX Connection
VDD > VLCD
Connect VMAX to VDD
Othe�wise
Connect VMAX to VLCD
R Type Bias Current VMAX Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com