Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 201 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 201 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 197Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 198Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 199Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 200Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 201Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 202Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 203Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 204Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 205Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 235 page
background image
Rev. 1.30
�00
�ove��e� 1�� �01�
Rev. 1.30
�01
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
V A
V B
V C
V SS
1 Fr am e
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
CO M0
CO M1
CO M2 
Al l se gm ent s OF F
CO M0 s egm ent s ON
CO M3
CO M1 s egm ent s ON
CO M2 s egm ent s ON
(o th er c om bi na ti on s ar e om i tte d)
CO M0 , 1 s egm ent s ON
CO M3 s egm ent s ON
LC D F unc ti on in N or ma l Op er at io n Mo de
Du ri ng R eset o r LC D Func ti on i s sw it ch ed o ff
CO M0 , C OM 1, C OM 2, C OM 3
A ll se gm en t o ut pu ts
V LC D
V SS
V LC D
V SS
V A
V B
V C
V SS
CO M0 , 2 s egm ent s ON
V A
V B
V C
V SS
CO M0 , 3 s egm ent s ON
V A
V B
V C
V SS
A ll se gm ent s ON
R ty pe bi as
C ty pe bi as
R ty pe bi as
C ty pe bi as
LCD Driver Output – Type A- 1/4 Duty, 1/3 Bias
Note:For1/3Rtypebias,theVA=VLCD,VB=VLCD×2/3andVC=VLCD×1/3
For1/3Ctypebias,theVA=VLCD×1.5,VB=VLCDandVC=VLCD×1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com