Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 204 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 204 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 200Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 201Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 202Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 203Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 204Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 205Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 206Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 207Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 208Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 235 page
background image
Rev. 1.30
�04
�ove��e� 1�� �01�
Rev. 1.30
�05
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
V A
V B
V C
V SS
1 Fr am e
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
V A
V B
V C
V SS
CO M0
CO M1
CO M2 
Al l se gm ent s OF F
CO M0 s egm ent s ON
CO M3
CO M1 s egm ent s ON
CO M2 s egm ent s ON
(o th er c om bi na ti on s ar e om i tte d)
CO M0 , 1 s egm ent s ON
CO M3 s egm ent s ON
LC D F unc ti on in N or ma l Op er at io n Mo de
Du ri ng R eset o r LC D Func ti on i s sw it ch ed o ff
CO M0 , C OM 1, C OM 2, C OM 3
A ll se gm en t o ut pu ts
V LC D
V SS
V LC D
V SS
V A
V B
V C
V SS
CO M0 , 2 s egm ent s ON
V A
V B
V C
V SS
CO M0 , 3 s egm ent s ON
V A
V B
V C
V SS
A ll se gm ent s ON
R ty pe bi as
C ty pe bi as
R ty pe bi as
C ty pe bi as
VA
VB
VC
VSS
1 Frame
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
COM0
COM1
COM2
All segments are OFF
COM0 side segments are ON
COM3
COM1 side segments are ON
COM2 side segments are ON
(other combinations are omitted)
COM0, 1 side segments are ON
COM3 side segments are ON
Normal Operation Mode
During Reset or LCD Off
COM0, COM1, COM2, COM3
All segment outputs
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
COM0, 2 side segments are ON
VA
VB
VC
VSS
COM0, 3 side segments are ON
VA
VB
VC
VSS
All segments are ON
LCD Driver Output – Type B -- 1/4 Duty, 1/3 Bias
Note:For1/3Rtypebias,theVA=VLCD,VB=VLCD×2/3andVC=VLCD×1/3
For1/3Ctypebias,theVA=VLCD×1.5,VB=VLCDandVC=VLCD×1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com