Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63E89 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST63E89
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63E89 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST63E89 Datasheet HTML 61Page - STMicroelectronics ST63E89 Datasheet HTML 62Page - STMicroelectronics ST63E89 Datasheet HTML 63Page - STMicroelectronics ST63E89 Datasheet HTML 64Page - STMicroelectronics ST63E89 Datasheet HTML 65Page - STMicroelectronics ST63E89 Datasheet HTML 66Page - STMicroelectronics ST63E89 Datasheet HTML 67Page - STMicroelectronics ST63E89 Datasheet HTML 68Page - STMicroelectronics ST63E89 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
65/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
6 ELECTRICAL CHARACTERISTICS
6.1 ABSOLUTE MAXIMUM RATINGS
This product contains devices to protect the inputs
against damage due to high static voltages, how-
ever it is advised to take normal precaution to
avoid application of any voltage higher than maxi-
mum rated voltages.
For proper operation it is recommended that VI
and VO must be higher than VSS and smaller than
VDD. Reliability is enhanced if unused inputs are
connected to an appropriated logic voltage level
(VDD or VSS).
Power Considerations.The average chip-junc-
tion temperature, Tj, in Celsius can be obtained
from:
Tj=
TA + PD x RthJA
Where: TA =
Ambient Temperature.
RthJA = Package thermal resistance
(junction-to ambient).
PD =
Pint + Pport.
Pint =
IDD x VDD (chip internal pow-
er).
Pport = Port power dissipation
(determined by the user).
Note: Stresses above those listed as
“absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
THERMAL CHARACTERISTICS
6.2 RECOMMENDED OPERATING CONDITIONS
EEPROM INFORMATION
The ST63xx EEPROM single poly process has been specially developed to achieve 300.000 Write/Erase
cycles and a 10 years data retention.
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 7.0
V
VI
Input Voltage (ADC IN)
VSS - 0.3 to +13
V
VI
Input Voltage (Other inputs)
VSS - 0.3 to VDD + 0.3
V
VO
Output Voltage (PA4-PA7, PC4-PC7, DA0-DA5)
VSS - 0.3 to +13
V
VO
Output Voltage (Other outputs)
VSS - 0.3 to VDD + 0.3
V
IO
Current Drain per Pin Excluding VDD, VSS, PA6, PA7
+ 10
mA
IO
Current Drain per Pin (PA6-PA7)
+ 50
mA
IVDD
Total Current into VDD (source)
50
mA
IVSS
Total Current out of VSS (sink)
150
mA
Tj
Junction Temperature
150
°C
TSTG
Storage Temperature
-60 to 150
°C
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
RthJA
Thermal Resistance
PSDIP42
67
°C/W
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
TA
Operating Temperature
1 Suffix Versions
0
70
°C
VDD
Operating Supply Voltage
4.5
5.0
6.0
V
fOSC
Oscillator Frequency
RUN & WAIT Modes
8
8.1
MHz
fOSDOSC
On-screen Display Oscillator Frequency
8.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com