Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63E89 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST63E89
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63E89 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST63E89 Datasheet HTML 11Page - STMicroelectronics ST63E89 Datasheet HTML 12Page - STMicroelectronics ST63E89 Datasheet HTML 13Page - STMicroelectronics ST63E89 Datasheet HTML 14Page - STMicroelectronics ST63E89 Datasheet HTML 15Page - STMicroelectronics ST63E89 Datasheet HTML 16Page - STMicroelectronics ST63E89 Datasheet HTML 17Page - STMicroelectronics ST63E89 Datasheet HTML 18Page - STMicroelectronics ST63E89 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
15/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
MEMORY SPACES (Cont’d)
Additional Notes on Parallel Mode. If the user
wants to perform a parallel programming the first
action should be the setting of the PE bit; from this
moment, the first time the EEPROM will be ad-
dressed in writing, the ROW address will be
latched and it will be possible to change it only at
the end of the programming procedure or by reset-
ting PE without programming the EEPROM.
After the ROW address latching the Core can
“see” just one EEPROM row (the selected one)
and any attempt to write or read other rows will
produce errors. Do not read the EEPROM while
PE is set.
As soon as PE bit is set, the 8 volatile ROW latch-
es are cleared. From this moment the user can
load data in the whole ROW or just in a subset. PS
setting will modify the EEPROM registers corre-
sponding to the ROW latches accessed after PE.
For example, if the software sets PE and accesses
EEPROM in writing at addresses 18h,1Ah,1Bh
and then sets PS, these three registers will be
modified at the same time; the remaining bytes will
have no particular content. Note that PE is inter-
nally reset at the end of the programming proce-
dure. This implies that the user must set PE bit be-
tween two parallel programming procedures. Any-
way the user can set and then reset PE without
performing any EEPROM programming. PS is a
set only bit and is internally reset at the end of the
programming procedure. Note that if the user tries
to set PS while PE is not set there will not be any
programming procedure and the PS bit will be un-
affected. Consequently PS bit can not be set if EN
is low. PS can be affected by the user set if, and
only if, EN and PE bits are also set to one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com