Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63E89 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST63E89
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63E89 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST63E89 Datasheet HTML 56Page - STMicroelectronics ST63E89 Datasheet HTML 57Page - STMicroelectronics ST63E89 Datasheet HTML 58Page - STMicroelectronics ST63E89 Datasheet HTML 59Page - STMicroelectronics ST63E89 Datasheet HTML 60Page - STMicroelectronics ST63E89 Datasheet HTML 61Page - STMicroelectronics ST63E89 Datasheet HTML 62Page - STMicroelectronics ST63E89 Datasheet HTML 63Page - STMicroelectronics ST63E89 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
60/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
5.3 INSTRUCTION SET
The ST6 core offers a set of 40 basic instructions
which, when combined with nine addressing
modes, yield 244 usable opcodes. They can be di-
vided into six different types: load/store, arithme-
tic/logic, conditional branch, control instructions,
jump/call, and bit manipulation. The following par-
agraphs describe the different types.
All the instructions belonging to a given type are
presented in individual tables.
Load & Store. These instructions use one, two or
three bytes in relation with the addressing mode.
One operand is the Accumulator for LOAD and the
other operand is obtained from data memory using
one of the addressing modes.
For Load Immediate one operand can be any of
the 256 data space bytes while the other is always
immediate data.
Table 21. Load & Store Instructions
Notes:
X,Y. Indirect Register Pointers, V & W Short Direct Registers
# .
Immediate data (stored in ROM memory)
rr.
Data space register
∆. Affected
* .
Not Affected
Instruction
Addressing Mode
Bytes
Cycles
Flags
ZC
LD A, X
Short Direct
1
4
∆
*
LD A, Y
Short Direct
1
4
∆
*
LD A, V
Short Direct
1
4
∆
*
LD A, W
Short Direct
1
4
∆
*
LD X, A
Short Direct
1
4
∆
*
LD Y, A
Short Direct
1
4
∆
*
LD V, A
Short Direct
1
4
∆
*
LD W, A
Short Direct
1
4
∆
*
LD A, rr
Direct
2
4
∆
*
LD rr, A
Direct
2
4
∆
*
LD A, (X)
Indirect
1
4
∆
*
LD A, (Y)
Indirect
1
4
∆
*
LD (X), A
Indirect
1
4
∆
*
LD (Y), A
Indirect
1
4
∆
*
LDI A, #N
Immediate
2
4
∆
*
LDI rr, #N
Immediate
3
4
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com