Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63E89 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST63E89
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63E89 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST63E89 Datasheet HTML 54Page - STMicroelectronics ST63E89 Datasheet HTML 55Page - STMicroelectronics ST63E89 Datasheet HTML 56Page - STMicroelectronics ST63E89 Datasheet HTML 57Page - STMicroelectronics ST63E89 Datasheet HTML 58Page - STMicroelectronics ST63E89 Datasheet HTML 59Page - STMicroelectronics ST63E89 Datasheet HTML 60Page - STMicroelectronics ST63E89 Datasheet HTML 61Page - STMicroelectronics ST63E89 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
58/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
ON-SCREEN DISPLAY (Cont’d)
The VSYNC pin may alternatively be sampled by
software in order to know the status; this can be
done by reading bit 4 of register E4h; this bit is in-
verted with respect to the VSYNC pin.
6- The OSD oscillator external network should
consist of a capacitor on each of the OSD oscilla-
tor pins to ground together with an inductance be-
tween pins. The user should select the two capac-
itors to be the same value (15pF to 25pF each is
recommended). The inductance is chosen to give
the desired OSD oscillator frequency for the appli-
cation (typically 56
µH).
4.9 MIRROR REGISTER
This an 8-bits Register at address DEh. It is unde-
fined on Reset. After writing, the read value is the
reversed byte:
Bit0->Bit7, Bit1->Bit6, Bit2->Bit5, Bit3->Bit4,
Bit4->Bit3, Bit5->Bit2, Bit6->Bit1, Bit7->Bit0
Note: Writing the XOR register affects the value of
this register.
4.10 XOR REGISTER
This an 8-bits Register at address DFh. It is unde-
fined on Reset. To compute the XOR of two 8-bits
values, the user has to write the first value in the
MIRROR register (DEh) and then the second val-
ue in the XOR register (DFh). After that the XOR
result can be read from the XOR register.
To compute a new XOR with the result of the pre-
vious operation, the user can directly write the sec-
ond value in the XOR register and read the XOR
result in this same register.
Note: writing the XOR register affects the value of
the MIRROR register also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com