Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63E89 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST63E89
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63E89 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST63E89 Datasheet HTML 32Page - STMicroelectronics ST63E89 Datasheet HTML 33Page - STMicroelectronics ST63E89 Datasheet HTML 34Page - STMicroelectronics ST63E89 Datasheet HTML 35Page - STMicroelectronics ST63E89 Datasheet HTML 36Page - STMicroelectronics ST63E89 Datasheet HTML 37Page - STMicroelectronics ST63E89 Datasheet HTML 38Page - STMicroelectronics ST63E89 Datasheet HTML 39Page - STMicroelectronics ST63E89 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
36/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
SERIAL PERIPHERAL INTERFACE (Cont’d)
Start/Stop Acknowledge. The timing specs of the
S-BUS protocol require that data on the SDA (only
on this line for I2C BUS) and SEN lines be stable
during the “high” time of SCL. Two exceptions to
this rule are foreseen and they are used to signal
the start and stop condition of data transfer.
– On S-BUS by a transition of the SEN line (10
Start, 01 Stop) while the SCL line is at high level.
– On I2C BUS by a transition of the SDA line (10
Start, 01 Stop) while the SCL line is at high level.
Data are transmitted in 8-bit groups; after each
group, a ninth bit is interposed, with the purpose of
acknowledging the transmitting sequence (the
transmit device place a “1” on the bus, the ac-
knowledging receiver a “0”).
Interface Protocol. This paragraph deals with the
description of data protocol structure. The inter-
face protocol includes:
– A start condition
– A “slave chip address” byte, transmitted by the
master, containing two different information:
a. the code identifying the device the master
wants to address (this information is present in
the first seven bits)
b. the direction of transmission on the bus (this
information is given in the 8th bit of the byte);
“0” means “Write”, that is from the master to the
slave, while “1” means “Read”. The addressed
slave must always acknowledge.
The sequence from, now on, is different according
to the value of R/W bit.
1. R/W = “0” (Write)
In all the following bytes the master acts as trans-
mitter; the sequence follows with:
a. an optional data byte to address (if needed) the
slave location to be written (it can be a word
address in a memory or a register address,
etc.).
b. a “data” byte which will be written at the
address given in the previous byte.
c. further data bytes.
d. a STOP condition
A data transfer is always terminated by a stop con-
dition generated from the master. The ST638x pe-
ripheral must finish with a stop condition before
another start is given. Figure 23 shows an exam-
ple of write operation.
2. R/W = “1” (Read)
In this case the slave acts as transmitter and,
therefore, the transmission direction is changed. In
read mode two different conditions can be consid-
ered:
a. The master reads slave immediately after first
byte. In this case after the slave address sent
from the master with read condition enabled the
master transmitter becomes master receiver
and the slave receiver becomes slave transmit-
ter.
b. The master reads a specified register or loca-
tion of the slave. In this case the first sent byte
will contain the slave address with write condi-
tion enabled, then the second byte will specify
the address of the register to be read. At this
moment a new start is given together with the
slave address in read mode and the procedure
will proceed as described in previous point “a”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com