Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63E89 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST63E89
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63E89 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST63E89 Datasheet HTML 51Page - STMicroelectronics ST63E89 Datasheet HTML 52Page - STMicroelectronics ST63E89 Datasheet HTML 53Page - STMicroelectronics ST63E89 Datasheet HTML 54Page - STMicroelectronics ST63E89 Datasheet HTML 55Page - STMicroelectronics ST63E89 Datasheet HTML 56Page - STMicroelectronics ST63E89 Datasheet HTML 57Page - STMicroelectronics ST63E89 Datasheet HTML 58Page - STMicroelectronics ST63E89 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
55/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
ON-SCREEN DISPLAY (Cont’d)
Vertical Space Register 1 (VSR1)
Address: 3Dh - Page 5
—
Read/Write
D7. This bit is not used
FF_SH. Full fringe / shadow background select.
This bit selects between the fringe and shadow
backgrounds for the smallest size (18H) charac-
ters, provided that the FR bit is also set.
“1” The 18H characters are surrounded by a
fringe background. (Provided that FR bit is set
and the selected background is active). This
consists of a one dot wide contour in the back-
ground colour
“0” The 18H characters have a shadow back-
ground. (provided also that FR bit is set and
the selected background is active). This con-
sists of a one dot wide line on the right and
lower sides of the character.
VS5, VS0. Vertical Space. These bits determine
the spacing between lines if the Vertical Space En-
able bit (VSE) in the format character is set and
the Vertical Space Select bit (VSS) is set. If VSE is
zero there will be no spaces between lines. The
Vertical Space bits can specify one of 63 spacing
values from 4H to 252H. The space between lines
is defined by the following formula.
Space between lines = 4H(25 (VS5) + 24 (VS4) +
23 (VS3) + 22 (VS2) + 21 (VS1) + 20 (VS0))
Note: The case of all Vertical Space bits being
zero is not legal.
70
D7
FF_SH
VS5
VS4
VS3
VS2
VS1
VS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com