Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63E89 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST63E89
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63E89 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST63E89 Datasheet HTML 64Page - STMicroelectronics ST63E89 Datasheet HTML 65Page - STMicroelectronics ST63E89 Datasheet HTML 66Page - STMicroelectronics ST63E89 Datasheet HTML 67Page - STMicroelectronics ST63E89 Datasheet HTML 68Page - STMicroelectronics ST63E89 Datasheet HTML 69Page - STMicroelectronics ST63E89 Datasheet HTML 70Page - STMicroelectronics ST63E89 Datasheet HTML 71Page - STMicroelectronics ST63E89 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
68/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
6.4 AC ELECTRICAL CHARACTERISTICS
(TA = 0 to +70°C, fOSC=8MHz, VDD=4.5 to 6.0V unless otherwise specified)
Notes:
1. A clock other than 8MHz will affect the frequency response of those peripherals (D/A, and SPIs) whose clock is derived from the system
clock.
2. The rise and fall times of PORT A have been increased in order to avoid current spikes while maintaining a high drive capability
3. Not 100% Tested
4. Based on extrapolated data
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tWRES
Minimum Pulse Width
RESET Pin
125
ns
tOHL
High to Low Transition Time
PA6, PA7
VDD = 5V, CL = 100pF
(2)
100
ns
tOHL
High to Low Transition Time
DA0-DA5, PB0-PB6, OSD
Outputs, PC0-PC7
VDD = 5V, CL = 100pF
20
ns
tOLH
Low to High Transition Time
PB0-PB6, PA0-PA3, OSD
Outputs, PC0-PC3
VDD = 5V, CL = 100pF
20
ns
fDA
D/A Converter Repetition Fre-
quency (1)
31.25
kHz
fSIO
SIO Baudrate (1)
62.50
kHz
tWEE
EEPROM Write Time
TA = 25°C One Byte
5
10
ms
Endurance
EEPROM WRITE/ERASE Cy-
cles
QA LOT
Acceptance Criteria
300,000
> 1
million
cycles
Retention
EEPROM Data Retention (4)
TA = 25°C
10
years
CIN
Input Capacitance (3)
All Inputs Pins
10
pF
COUT
Output Capacitance (3)
All Outputs Pins
10
pF
COSCin,
COSCout
Oscillator Pins Internal
Capacitance (3)
5pF
COSDin,
COSDout
Oscillator Pins External
Capacitance (3)
Recommended
15
25
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com