Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63E89 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST63E89
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63E89 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST63E89 Datasheet HTML 18Page - STMicroelectronics ST63E89 Datasheet HTML 19Page - STMicroelectronics ST63E89 Datasheet HTML 20Page - STMicroelectronics ST63E89 Datasheet HTML 21Page - STMicroelectronics ST63E89 Datasheet HTML 22Page - STMicroelectronics ST63E89 Datasheet HTML 23Page - STMicroelectronics ST63E89 Datasheet HTML 24Page - STMicroelectronics ST63E89 Datasheet HTML 25Page - STMicroelectronics ST63E89 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
22/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
3.4 HARDWARE ACTIVATED DIGITAL WATCHDOG FUNCTION
The hardware activated digital watchdog function
consists of a down counter that is automatically in-
itialized after reset so that this function does not
need to be activated by the user program. As the
watchdog function is always activated this down
counter can not be used as a timer. The watchdog
is using one data space register (HWDR location
D8h). The watchdog register is set to FEh on reset
and immediately starts to count down, requiring no
software start. Similarly the hardware activated
watchdog can not be stopped or delayed by soft-
ware.
The watchdog time can be programmed using the
6 MSBs in the watchdog register, this gives the
possibility to generate a reset in a time between
3072 to 196608 oscillator cycles in 64 possible
steps. (With a clock frequency of 8MHz this means
from 384ms to 24.576ms). The reset is prevented
if the register is reloaded with the desired value
before bits 2-7 decrement from all zeros to all
ones.
The presence of the hardware watchdog deacti-
vates the STOP instruction and a WAIT instruction
is automatically executed instead of a STOP. Bit 1
of the watchdog register (set to one at reset) can
be used to generate a software reset if cleared to
zero). Figure 17 shows the watchdog block dia-
gram while Figure 18 shows its working principle.
Figure 17. Hardware Activated Watchdog Block Diagram
RSFF
8
DATA BUS
VA00010
-2
-12
OSCILLATOR
RESET
WRITE
RESET
DB0
R
S
Q
DB1.7
SET
LOAD
7
8
-2
SET
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com