Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63E89 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST63E89
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63E89 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST63E89 Datasheet HTML 62Page - STMicroelectronics ST63E89 Datasheet HTML 63Page - STMicroelectronics ST63E89 Datasheet HTML 64Page - STMicroelectronics ST63E89 Datasheet HTML 65Page - STMicroelectronics ST63E89 Datasheet HTML 66Page - STMicroelectronics ST63E89 Datasheet HTML 67Page - STMicroelectronics ST63E89 Datasheet HTML 68Page - STMicroelectronics ST63E89 Datasheet HTML 69Page - STMicroelectronics ST63E89 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
66/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
6.3 DC ELECTRICAL CHARACTERISTICS
(TA = 0 to +70°C unless otherwise specified).
Table 27: DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIL
Input Low Level Voltage
All I/O Pins
0.2xVDD
V
VIH
Input High Level Voltage
All I/O Pins
0.8xVDD
V
VHYS
Hysteresis Voltage(1)
All I/O Pins
VDD = 5V
1.0
V
VOL
Low Level Output Voltage
DA0-DA5, PB0-PB6, OSD
Outputs, PC0-PC7,
O0, O1, PA0-PA5
VDD = 4.5V
IOL = 1.6mA
IOL = 5.0mA
0.4
1.0
V
V
VOL
Low Level Output Voltage
PA6-PA7
VDD = 4.5V
IOL= 1.6mA
IOL= 25mA
0.4
1.0
V
V
VOL
Low Level Output Voltage
OSDOSCout
OSCout
VDD = 4.5V
IOL= 0.4mA
0.4
V
VOL
Low Level Output Voltage
VS Output
VDD = 4.5V
IOL= 0.5mA
IOL= 1.6mA
0.4
1.0
V
V
VOH
High Level Output Voltage
PB0-PB6, PA0-PA3, OSD
Outputs
VDD = 4.5V
IOH = – 1.6mA
4.1
V
VOH
High Level Output Voltage
OSDOSCout, OSCout,
VDD = 4.5V
IOH= – 0.4mA
4.1
V
VOH
High Level Output Voltage
VS Output
VDD = 4.5V
IOH= - 0.5mA
4.1
V
IPU
Input Pull Up Current
Input Mode with Pull-up
PB0-PB6, PA0-PA3,
PC0-PC3,
VIN= VSS
– 100
– 50
– 25
µA
IPU
Input Pull Up Current
OSCin
VIN= VSS
– 50
– 25
– 10
µA
IIL
IIH
Input Leakage Current
OSCin
VIN= VSS
VIN= VDD
– 10
0.1
– 1
1
– 0.1
10
µA
IIL
Input Pull-down
current in RESET
OSCin
100
µA
IIL
IIH
Input Leakage Current
All I/O Input Mode
no pull-up
OSDOSCin
VIN= VDD or VSS
-10
10
µA
VDDRAM
RAM Retention Voltage in
RESET Mode
1.5
V
IIL
IIH
Input Leakage Current
Reset Pin with Pull-up
VIN= VSS
– 50
– 30
– 10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com