Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63E89 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST63E89
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63E89 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST63E89 Datasheet HTML 49Page - STMicroelectronics ST63E89 Datasheet HTML 50Page - STMicroelectronics ST63E89 Datasheet HTML 51Page - STMicroelectronics ST63E89 Datasheet HTML 52Page - STMicroelectronics ST63E89 Datasheet HTML 53Page - STMicroelectronics ST63E89 Datasheet HTML 54Page - STMicroelectronics ST63E89 Datasheet HTML 55Page - STMicroelectronics ST63E89 Datasheet HTML 56Page - STMicroelectronics ST63E89 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
53/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
ON-SCREEN DISPLAY (Cont’d)
Vertical Start Address Register (VSAR)
Address: 38h - Page 5
—
Read/Write
D7. This bit is not used
FR. FRinge background.This bit changes the
background from a box background to a fringe
background. The background is enabled by word
as defined by either BG0 or BG1.
“0” The background is defined to be a box which
is 15 x 18 dots (the 14x18 dots frame of the
character + one dot column placed left of the
character frame).
“1” The background is defined to be a fringe. The
fringe background is complete around the dis-
played character provided that it is inside the
15x18 dots frame.
Note: For the smallest character size (14TDOT,
18H) the fringe function may be either a full
fringe or a shadow background (see also
FF_SH bit of the VSR1 register).
VSA5-VSA0. Vertical Start Address. These bits
determine the start position of the first line in
the vertical direction. The 6 bits can specify 63
display start positions of interval 4H. The first
start position will be the fourth line of the dis-
play. The vertical start address is defined
VSA0 by the following formula.
Vertical Start Address = 4H(25 (VSA5) + 24
(VSA4) +23 (VSA3) + 22 (VSA2) + 21 (VSA1) + 20
(VSA0))
Note: The case of all Vertical Start Address bits
being zero is illegal.
Horizontal Start Address Register (HSAR)
Address: 39h - Page 5
—
Read/Write
D7. This bit is not used.
SBD. Space Background Disable. This bit controls
whether or not the background is displayed on
space characters. If two background colours are
used on adjacent words, then the background
should not be displayed on spaces in order to
make a nice break between colours. If an even
background around an area of text is desired, as in
a menu, then the background should be displayed
when on space characters.
“0” The background during spaces is controlled
by the background enable bits (BG0 and BG1)
located in the Background Control register.
“1” The background is not displayed when spaces
are displayed.
HSA5, HSA0 - Horizontal Start Address bits.
These bits determine the start position of the first
character in the horizontal direction. The 6 bits can
specify 64 display start positions of interval 2/fOSC
or 400ns. The first start position will be at 7.2
µs
because of the time needed to access RAM and
ROM before the first character can be displayed.
The horizontal start address is defined by the fol-
lowing formula.
Horizontal Start Address = 2/f
OSC(18 + 2
5 (HSA5)
+24 (HSA4) + 23 (HSA3) + 22 (HSA2) + 21 (HSA1)
+ 20 (HSA0))
Note: The case of all Horizontal Start Address bits
being zero is illegal.
Vertical Space Register 0 (VSR0)
Address: 3Ah - Page 5
—
Read/Write
D7. This bit is not used
SCB. Screen Blanking. This bit allows the entire
screen to be blanked.
“0” The blanking output signal BLANK is active
only when displaying characters.
“1” The blanking output signal BLANK is always
active. Characters in the display RAM are still
displayed.
When this bit is set to one, the screen is blanked
also without setting the Global Enable bit to one
(OSD disabled).
VS5, VS0. Vertical Space. These bits determine
the spacing between lines if the Vertical Space En-
able bit (VSE) in the format character is set and
the Vertical Space Select bit (VSS) is reset. If VSE
is zero there will be no spaces between lines. The
Vertical Space bits can specify one of 63 spacing
values from 4H to 252H. The space between lines
is defined by the following formula.
Space between lines = 4H(25 (VS5) + 24 (VS4) +
23 (VS3) + 22 (VS2) + 21 (VS1) + 20 (VS0))
Note: The case of all Vertical Space bits being
zero is not legal.
70
D7
FR
VSA5
VSA4
VSA3
VSA2
VSA1
VSA0
70
D7
SBD
HSA5
HSA4
HSA3
HSA2
HSA1
HSA0
70
D7
SCB
VS5
VS4
VS3
VS2
VS1
VS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com