Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8255 Datasheet(PDF) 9 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 5Page - Cirrus Logic WM8255 Datasheet HTML 6Page - Cirrus Logic WM8255 Datasheet HTML 7Page - Cirrus Logic WM8255 Datasheet HTML 8Page - Cirrus Logic WM8255 Datasheet HTML 9Page - Cirrus Logic WM8255 Datasheet HTML 10Page - Cirrus Logic WM8255 Datasheet HTML 11Page - Cirrus Logic WM8255 Datasheet HTML 12Page - Cirrus Logic WM8255 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
9
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL LED CURRENT DRIVE
Coarse Absolute LED Current Drive Range Adjust
EXTRES = 13K7 ohm +/- 1% over process and temperature.
Coarse LED Current Full Scale
Range with External Reference
including absolute and
temperature tolerances
ILEDCRE0
LEDIRNG = 00
25
32
mA
ILEDCRE1
LEDIRNG = 01
30
42.25
mA
ILEDCRE2
LEDIRNG = 10
40
56.5
mA
ILEDCRE3
LEDIRNG = 11
50
68
mA
Coarse LED Current Maximum
Limit Range
ILEDMAX
LEDIMAX = 0
28
45
mA
ILEDMAX
LEDIMAX = 1
35
53
mA
FINE LED ABSOLUTE CURRENT DRIVE
Resolution
ILEDFRes
8
bits
Range
ILEDFRan
ILEDCRXX
Zero Current
0
mA
Differential non-linearity
ILEDFDNL
No missing codes
-1
1.15
LSB
Integral non-linearity
ILEFINL
1
LSB
Compliance Voltage ILEDR
ILEDRVC
ILED=50mA
0.75+
AGND
AVDD1 -
0.5V
V
Compliance Voltage ILEDG and
ILEDB
ILEDGBVC
ILED=50mA
0.25+
AGND
AVDD1 -
0.5V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com