Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8255 Datasheet(PDF) 44 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 40Page - Cirrus Logic WM8255 Datasheet HTML 41Page - Cirrus Logic WM8255 Datasheet HTML 42Page - Cirrus Logic WM8255 Datasheet HTML 43Page - Cirrus Logic WM8255 Datasheet HTML 44Page - Cirrus Logic WM8255 Datasheet HTML 45Page - Cirrus Logic WM8255 Datasheet HTML 46Page - Cirrus Logic WM8255 Datasheet HTML 47Page - Cirrus Logic WM8255 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
44
REGISTER
BIT
NO
BIT NAME(S)
DEFAULT
DESCRIPTION
Setup
Register 18
6:0
LEDSTOPR [6:0]
0010000
Sets the LED stop time for the RED LED.
7
LEDSTART [4]
0
Sets the next significant bit of the 7 bit LEDSTART time. [4]
PGA gain
(Red)
7:0
PGAR[7:0]
0
Determines the gain of the red channel PGA according to the equation:
Red channel PGA gain = [0.78+(PGAR[7:0]*7.57)/255]. Used under
control of the INTM[1:0] control bits.
PGA gain
(Green)
7:0
PGAG[7:0]
0
Determines the gain of the green channel PGA according to the
equation:
Green channel PGA gain = [0.78+(PGAG[7:0]*7.57)/255]. Used under
control of the INTM[1:0] control bits.
PGA gain
(Blue)
7:0
PGAB[7:0]
0
Determines the gain of the blue channel PGA according to the equation:
Blue channel PGA gain = [0.78+(PGAB[7:0]*7.57)/255]. Used under
control of the INTM[1:0] control bits.
PGA gain
(RGB)
7:0
PGA[7:0]
A write to this register location causes the red, green and blue PGA gain
registers to be overwritten by the new value
Setup
Register 19
6:0
LEDSTOPG [6:0]
0010000
Sets the LED stop time for the GREEN LED.
7
LEDSTART [5]
0
Sets the next significant bit of the 7 bit LEDSTART time. [5]
Setup
Register 20
6:0
LEDSTOPB [6:0]
0010000
Sets the LED stop time for the BLUE LED.
7
LEDSTART [6]
0
Sets the MSB of the 7 bit LEDSTART time. [6]
Setup
Register 21
5:0
INITBLANK [8:3]
000000
Sets the 6 MSBs of the 9 bit register to adjust the initial blank period
following a sequence transition. The 3 LSBs are fixed to zero. Must be
set so the initial blank period is 25
s. See Initial Blank Period on page
25 for details.
6
ILIMITDEC
0
When ILIMITEN = 0 this register has no effect.
When the maximum LED current limit is exceeded and the ILIMITFLAG
is set, the current is reduced to a safe level to protect the LED.
0 = 12.5% reduction in current
1 = 25% reduction in current
7
ILIMITFLAG
0
When ILIMITEN=00 this read register will not be active.
Read only register. Set high by the device when the current limit has
been exceeded.
LED
Reset
Resets all LED timing control to its reset state at register write
LED RGB
FLAGS
0
LEDBFLAG
0
Set high by the device when the current limit has been exceeded for the
Blue LED. May be read.
1
LEDGFLAG
0
Set high by the device when the current limit has been exceeded for the
Green LED. May be read.
2
LEDRFLAG
0
Set high by the device when the current limit has been exceeded for the
Red LED. May be read.
Table 10 Register Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com