Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8255 Datasheet(PDF) 18 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 14Page - Cirrus Logic WM8255 Datasheet HTML 15Page - Cirrus Logic WM8255 Datasheet HTML 16Page - Cirrus Logic WM8255 Datasheet HTML 17Page - Cirrus Logic WM8255 Datasheet HTML 18Page - Cirrus Logic WM8255 Datasheet HTML 19Page - Cirrus Logic WM8255 Datasheet HTML 20Page - Cirrus Logic WM8255 Datasheet HTML 21Page - Cirrus Logic WM8255 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
18
OUTPUT FORMATS
The digital data output from the ADC is available in a 4-bit wide multiplexed. Latency of valid output
data with respect to VSMP is programmable by writing to control bits DEL[1:0]. The latency is shown
in the Operating Mode Timing Diagrams section.
Figure 11 shows the output data formats for all modes. Table 2 summarises the output data obtained
for each format.
Figure 11 Output Data Formats (4 bit - Modes 1 & 3, 2 bit – Mode 1 )
OUTPUT FORMAT
OUTPUT
PINS
OUTPUT
4+4+4+4-bit
(nibble)
OP[3:0]
A = d15, d14, d13, d12
B = d11, d10, d9, d8
C = d7, d6, d5, d4
D = d3, d2, d1, d0
2+2+2+2+2+2+2+2-bit
OP[1:0]
A = d15, d14
B = d13, d12
C = d11, d10
D = d9 , d8
E = d7 , d6
F = d5 , d4
G = d3 , d2
H = d1, d0
Table 2 Details of Output Data Shown in Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com