Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8255 Datasheet(PDF) 33 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 29Page - Cirrus Logic WM8255 Datasheet HTML 30Page - Cirrus Logic WM8255 Datasheet HTML 31Page - Cirrus Logic WM8255 Datasheet HTML 32Page - Cirrus Logic WM8255 Datasheet HTML 33Page - Cirrus Logic WM8255 Datasheet HTML 34Page - Cirrus Logic WM8255 Datasheet HTML 35Page - Cirrus Logic WM8255 Datasheet HTML 36Page - Cirrus Logic WM8255 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
33
1.
The number of MCLK cycles per PWM period is given by:
LEDPWMPER = 12 MHz / 2.5kHz = 4800.
This exceeds the maximum 4095 so CLKDIV must be set to ‘0001’.
Therefore 12Mhz / 2 = 6MHz
Therefore LEDPWMPER = 6MHz / 2.5kHz = 2400
2.
The number of MCLK cycles necessary for blanking period is given by:
(tBLANK *0.8)*MCLK = INITBLANKdec.
(25uSec * 0.8)*12MHz = 240
The binary equivalent of INITBLANKdec should be calculated and, making sure the last 3 LSBs are
zero, should be set in the register.
240 = 0 1111 0000bin. Therefore the 6 MSBs to be set to the register INITBLANK are :- 011110bin
By default INITBLANK is set to zero which sets the initial blank period to equal the PWM period/0.8
3.
The number of MCLK cycles per line scan is given by:
MCLK cycles per line scan = 9inch * 2400dpi * 3 = 64800
4.
The number of MCLK cycles available for imaging is given by:
MCLK cycles per line scan - MCLK cycles per line scan = 64800 – 240 = 64560
5.
The Number of PWM cycles per line scan is given by:
MCLK cycles per PWM period LEDPWMPER = 2400
Number of PWM cycles per line scan = 64560 / 2400 = 26.9
The nearest integral number of PWM cycles per line scan then 26.
The illumination period should be checked. Assuming 26 PWM cycles per line, with the first
PWM
cycle reserved for the current DAC setup and transition, and an 80% duty cycle
Period of illumination
= 26 * 0.8 / 2.5kHz = 8.32 msec
Period of illumination coarse trim LSB
= 1 / 2.5kHz
= 400 usec
Period of illumination fine trim LSB
= 1 / 6MHz
= 166.66 nsec
If the period of illumination per line scan is too short, the imaging period is limiting the scan period.
The period between TG pulses should be increased and step 2 should be repeated to calculate the
number of MCLK cycles per line scan.
Set values for LEDPWMDCR / G / B as appropriate.
Using the number of PWM cycles per line scan for reference, set values for LEDENSTART and
LEDENSTOPR / G / B as appropriate.
Set values for LEDIDACR / G / B as appropriate.
A red, green, blue, red, green, blue colour transition is required, so set STATE0 = 00 for red,
STATE1 = 01 for green and STATE2 = 10 for blue. Set STATERST = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com