Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8255 Datasheet(PDF) 32 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 28Page - Cirrus Logic WM8255 Datasheet HTML 29Page - Cirrus Logic WM8255 Datasheet HTML 30Page - Cirrus Logic WM8255 Datasheet HTML 31Page - Cirrus Logic WM8255 Datasheet HTML 32Page - Cirrus Logic WM8255 Datasheet HTML 33Page - Cirrus Logic WM8255 Datasheet HTML 34Page - Cirrus Logic WM8255 Datasheet HTML 35Page - Cirrus Logic WM8255 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
32
Figure 24 An Example of How LED Current Limiting Can Be Operated
LED CONTROL WORKED EXAMPLE
As an example of configuring the LED current drive control, consider the scan of a US Letter page
size with the AFE configured to sample at 12 MHz MCLK and 3:1 MCLK:VSMP ratio.
The aim is to calculate LEDPWMPER for the given MCLK frequency to give a PWM frequency of
typically 2.5kHz. Then the number of PWM cycles per line scan is calculated to check that there is
sufficient imaging time and coarse trim range.
Assumptions
MCLK:VSMP ratio
= 3:1
MCLK frequency
= 12MHz
VSMP frequency
= 4MHz
LED Enable counter range
= 2^7 (maximum) PWM clock periods
LED PWM counter range
= 2^12 (maximum) PWM clock periods
Colour Scan Mode
Target blanking period
= 25uSec
Desired PWM frequency
= 2.5kHz
Colour sequence
= red, green, blue
Sensor scan width
= 9 inches
Scan resolution
= 2400 dpi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com