Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8255 Datasheet(PDF) 31 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 27Page - Cirrus Logic WM8255 Datasheet HTML 28Page - Cirrus Logic WM8255 Datasheet HTML 29Page - Cirrus Logic WM8255 Datasheet HTML 30Page - Cirrus Logic WM8255 Datasheet HTML 31Page - Cirrus Logic WM8255 Datasheet HTML 32Page - Cirrus Logic WM8255 Datasheet HTML 33Page - Cirrus Logic WM8255 Datasheet HTML 34Page - Cirrus Logic WM8255 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
31
LEDRFLAG and subsequently ILIMITFLAG will be set and LED current will be reduced to: 68 mA * (1-
0.25) = 51 mA
This is within the safe operating area of the LED to be driven.
In the case of a safe operating area test fail, the LED current will be reduced by 25% to give a
maximum limit of up to 39.75 mA
Should this LED current drive be insufficient during operation it may be calibrated until a target is met.
The algorithm used to control the calibration of the LED DAC current is user specific but it has access
to the LED Flags, ILIMITFLAG and the LED current DAC register values.
A binary incremental or binary weighted search may be used to increase the LED DAC current to the
absolute current maximum limit. An indication of how to perform a binary incremental search is
mentioned below.
A SUGGESTED BINARY INCREMENTAL SEARCH IMPLEMENTED BY THE
USER
When the LED maximum current is detected, the LED current can be trimmed back by either 12.5%
or 25%, depending on ILIMITDEC. At 25% this will guarantee the LED current is below the LED DAC
absolute maximum current limit. The LED current can then be incremented by an LSB of the LED
current register. The LED current will continue to be incremented until ILIMITFLAG is again set.
Figure 24 shows this process graphically.
The LSB of the current is 0.4% of the full LED current DAC full scale range. As a result the LED
current DAC may trim the LED current drive to within +/-0.2% of target.
If the coarse LED current limit is 35mA to 53mA when LEDIMAX=1, this means the trip point accuracy
will be:-
Min. Limit – ((Min. Full Scale Range/255)/2) >> Max. Limit + ((Max. Full Scale Range/255)/2)
In this case LEDRNG = 11 so Min. FSR is 50 and Max FSR is 68.
LEDIMAX=1 so Min. Limit is 35 and Max. Limit is 53.
Therefore:-
35 - ((50/255) /2) >> 53 + ((68/255) /2) gives
35 - (0.196/2) >> 53 + (0.266/2)
= 34.9 >> 53.13
or 44 +/-20.75%.
During the binary incremental search, the LED current will continue to be incremented until
ILIMITFLAG is again set. At this point it is desirable to disable the reduction of the LED current.
Different options to disable the reduction of current can be achieved through the register bit ILIMITEN.
Refer to Table 4 in the Blank Period Section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com