Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8255 Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 35Page - Cirrus Logic WM8255 Datasheet HTML 36Page - Cirrus Logic WM8255 Datasheet HTML 37Page - Cirrus Logic WM8255 Datasheet HTML 38Page - Cirrus Logic WM8255 Datasheet HTML 39Page - Cirrus Logic WM8255 Datasheet HTML 40Page - Cirrus Logic WM8255 Datasheet HTML 41Page - Cirrus Logic WM8255 Datasheet HTML 42Page - Cirrus Logic WM8255 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
39
MCLK
VSMP
VINP
OP[3:0]
(DEL = 00)
16.5 MCLK PERIODS
OP[3:0]
(DEL = 01)
OP[3:0]
(DEL = 10)
OP[3:0]
(DEL = 11)
A B C D A B C D A B C D A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D A B C D A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D A B C D
A B C D A B C D A B C D
A B C D
A B C D
A B C D
Figure 32 Mode 3 Operation
DEVICE REVISION CODES
To read the device revision code the test registers must be accessed. Table 7 defines the method:
DEVICE REVISION CODE
Address
Data
Comment
0x01
0xA3
This will put the part into test configuration mode. Any address will
now point to
the extended page reconfiguration register
0x27
Read
Read all eight bits of this register. Bit[7:1] contain the revision code
information, Bit[0]
should be ignored
0x01
0x23
This will take the part back into normal operating mode.
Table 7 Revision Code
Note: For Rev C devices it will read ‘01’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com