Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8255 Datasheet(PDF) 36 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 32Page - Cirrus Logic WM8255 Datasheet HTML 33Page - Cirrus Logic WM8255 Datasheet HTML 34Page - Cirrus Logic WM8255 Datasheet HTML 35Page - Cirrus Logic WM8255 Datasheet HTML 36Page - Cirrus Logic WM8255 Datasheet HTML 37Page - Cirrus Logic WM8255 Datasheet HTML 38Page - Cirrus Logic WM8255 Datasheet HTML 39Page - Cirrus Logic WM8255 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
36
REFERENCES
The ADC reference voltages are derived from an internal band-gap reference, and buffered to pins
VRT and VRB, where they must be decoupled to ground. The output buffer from the RLCDAC also
requires decoupling at pin VRLC/VBIAS when this is configured as an output.
POWER SUPPLY
The WM8255 operates from either a 5.75V (AVDD1) supply or a 3.3V (AVDD2).
POWER MANAGEMENT
The WM8255 has a power management system to detect the presence and correct level of the power
supplies AVDD1, AVDD2 and DVDD.
With reference to Figure 28, the WM8255 is partitioned into three power domains, a digital domain
powered by DVDD, LED current drive domain powered by AVDD1 and AFE domain powered by
AVDD2. In the digital domain, until DVDD has reached the correct level, a Power On Reset (POR)
shall disable the WM8255. The LDO voltage regulator and AFE voltage references shall be enabled
and allowed to power up as AVDD1 is applied when the POR released. With AVDD1, AVDD2 and
AFE voltage references at the correct level a system enable is set and WM8255 shall power up in a
controlled manner.
Figure 28 Power Management System
Power management for the device is performed via the Control Interface. The device can be powered
on or off completely by setting the EN bit low.
All the internal registers maintain their previously programmed value in power down mode and the
Control Interface inputs remain active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com