Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8255 Datasheet(PDF) 45 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 41Page - Cirrus Logic WM8255 Datasheet HTML 42Page - Cirrus Logic WM8255 Datasheet HTML 43Page - Cirrus Logic WM8255 Datasheet HTML 44Page - Cirrus Logic WM8255 Datasheet HTML 45Page - Cirrus Logic WM8255 Datasheet HTML 46Page - Cirrus Logic WM8255 Datasheet HTML 47Page - Cirrus Logic WM8255 Datasheet HTML 48Page - Cirrus Logic WM8255 Datasheet HTML 49Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
45
EXTENDED PAGE REGISTER MAP DESCRIPTION
REGISTER
BIT
NO
BIT NAME(S)
DEFAULT
DESCRIPTION
LED Control
1:0
Reserved
0
Must be set to zero
5:2
LED_TESTCTRL
[3:0]
0000
General LED test modes:
LED_TESTCTRL[1:0] = Mode override. The IDAC can be forced into
one of three modes:
01 = IDAC_LOAD: IDAC is loaded with new current value (based on
the current state), and CHANGE_SETUP & IDAC_DISABLE are high.
10 = IDAC_CHECK: RGB switch is enabled (based on current state)
and IDAC_CALIBRATE is set high. Current setting will not change
unless test load is enabled.
11 = IDAC_ON: IDAC is fully out of reset. PWM_LEDON will still be
driven by the counters unless the test override is used. Current setting
will not change unless test load is enabled.
LED_TESTCTRL[2] = Test update. The current setting is continuously
reloaded (from Red register when machine in reset).
LED_TESTCTRL[3] = PWM test enable. PWM_LEDON is now driven
using the LEDSTART pin.
7:6
Reserved
00
Must be set to zero
Revision
Number
0
Reserved
X
This bit should be ignored
7:1 REV_NUM
[6:0]
Revision Number of device
Table 11 Extended Page Register Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com