Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8255 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 17Page - Cirrus Logic WM8255 Datasheet HTML 18Page - Cirrus Logic WM8255 Datasheet HTML 19Page - Cirrus Logic WM8255 Datasheet HTML 20Page - Cirrus Logic WM8255 Datasheet HTML 21Page - Cirrus Logic WM8255 Datasheet HTML 22Page - Cirrus Logic WM8255 Datasheet HTML 23Page - Cirrus Logic WM8255 Datasheet HTML 24Page - Cirrus Logic WM8255 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
21
MONOCHROME (COMPOSITE) MODE
In Monochrome Mode, the progression between sequence states is triggered by the completion of the
previous sequence state. This allows a complete LED sequence change for each line scan.
With both TG and LEDSTART high, the sequence state machine is synchronously set to the
STATE_0 by MCLK. When the STATE_0 has reached the end of its enable period, the sequence
state machine is progressed to the next state by MCLK. This is repeated until the maximum number
of states determined by STATERST has been reached. At this point the LED drive current will be
switched away from the selected LEDs. The sequence state machine will be held in this state until
restarted by LEDSTART and TG.
If at any time both TG and LEDSTART are high, the sequence is synchronously set back to
STATE_0 by MCLK.
LED CURRENT DRIVE INTENSITY CONTROL
The LED current driver is programmable to allow the LED light intensity to be adjusted independent of
the LED light wavelength. Two methods are available for this:
The absolute LED current drive may be set using a programmable 8-bit current DAC.
The current DAC range for each of the LEDs may be adjusted to one of four ranges
using the register LEDIRNG.
The LED current drive may be pulsed using a pulse width modulated. The pulse width
modulated period is set using the register LEDPWMPER and on time using the
registers LEDPWMDCR, LEDPWMDCB and LEDPWMDCG.
Control of the absolute LED current drive and PWM modulation are independently programmable for
each of the red, green and blue LEDs using the register map. The signals LEDSTART, TG and MCLK
determine timing.
LED CURRENT DRIVE STATE TRANSITION AND PWM SWITCHING
The WM8255 is the combination of a LED current switching matrix and an AFE. With reference to
Figure 15, during a typical line scan the video signal of the previous line scan is digitised by the AFE
while the image of the current line scan is illuminated. To suppress any switching noise of the LED
switching matrix coupling into the AFE, care is taken while switching the current.
Two types of current switching are available in the WM8255, state transition switching and PWM
switching. State transition switching occurs when either a new LED is to be selected or the LED
current DAC has to be updated. PWM transition switching occurs when the illumination intensity is
controlled by pulsing the LED drive current. In colour mode, state transition switching should occur at
the start of a line scan. In mono mode, state transition switching can occur during the line scan. In
either colour mode or mono mode, PWM transition switching can occur during the line scan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com