Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8971L Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 37Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 38Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 39Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 40Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 41Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 42Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 43Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
WM8971L
Advanced Information
w
AI Rev 3.0 March 2004
40
MASTER MODE ADCLRC AND DACLRC ENABLE
In Master mode, by default ADCLRC is disabled when the ADC is disabled and DACLRC is disabled
when the DAC is disabled. Register bit LRCM, register 24(18h) bit[2] changes the control so that the
ADCLRC and DACLRC are disabled only when ADC and DAC are disabled. This enables the user to
use e.g. ADCLRC for both ADC and DAC LRCLK and disable the ADC when DAC only operation is
required, (see Table 30).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24(18h)
Additional
Control (2)
2
LRCM
0
Selects disable mode for ADCLRC and
DACLRC
0 = ADCLRC disabled when ADC (Left and
Right) disabled, DACLRC disabled when
DAC (Left and Right) disabled.
1 = ADCLRC and DACLRC disabled only when
ADC (Left and Right) and DAC (Left and
Right) are disabled.
Table 30 ADCLRC/DACLRC Enable
CLOCK OUTPUT
By default ADCLRC (pin 9) is the ADC word clock input/output. Under the control of ADCLRM[1:0],
register 27(1Bh) bits [8:7] the ADCLRC pin may be configured as a clock output. If ADCLRM is 01,
10 or 11 then ADCLRC pin is always an output even in slave mode or when TRI = ‘1’, (see Table 31).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27(18h)
Additional
Control (3)
[8:7] ADCLRM
[1:0]
00
Configures ADCLRC pin
00 = ADCLRC is ADC word clock input (slave
mode) or ADCLRC output (master mode)
01 = ADCLRC pin is MCLK output
10 = ADCLRC pin is MCLK / 5.5 output
11 = ADCLRC pin is MCLK / 6 output
Table 31 ADCLRC Clock Output
CLOCKING AND SAMPLE RATES
The WM8971L supports a wide range of master clock frequencies on the MCLK pin, and can
generate many commonly used audio sample rates directly from the master clock. The ADC and
DAC do not need to run at the same sample rate; several different combinations are possible.
There are two clocking modes:
•
‘Normal’ mode supports master clocks of 128fs, 192fs, 256fs, 384fs, and their multiples
(Note: fs refers to the ADC or DAC sample rate, whichever is faster)
•
USB mode supports 12MHz or 24MHz master clocks. This mode is intended for use in
systems with a USB interface, and eliminates the need for an external PLL to generate
another clock frequency for the audio codec.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
CLKDIV2
0
Master Clock Divide by 2
1 = MCLK is divided by 2
0 = MCLK is not divided
5:1
SR [4:0]
00000
Sample Rate Control
R8 (08h)
Clocking and
Sample Rate
Control
0
USB
0
Clocking Mode Select
1 = USB Mode
0 = ‘Normal’ Mode
Table 32 Clocking and Sample Rate Control
The clocking of the WM8971L is controlled using the CLKDIV2, USB, and SR control bits. Setting the
CLKDIV2 bit divides MCLK by two internally. The USB bit selects between ‘Normal’ and USB mode.
Each value of SR[4:0] selects one combination of MCLK division ratios and hence one combination
of sample rates (see next page). Since all sample rates are generated by dividing MCLK, their



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com