Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8971L Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
25
NOISE GATE
When the signal is very quiet and consists mainly of noise, the ALC function may cause “noise
pumping”, i.e. loud hissing noise during silence periods. The WM8971L has a noise gate function
that prevents noise pumping by comparing the signal level at the LINPUT1/2/3 and/or RINPUT1/2/3
pins against a noise gate threshold, NGTH. The noise gate cuts in when:
•
Signal level at ADC [dB] < NGTH [dB] + PGA gain [dB] + Mic Boost gain [dB]
This is equivalent to:
•
Signal level at input pin [dB] < NGTH [dB]
The ADC output can then either be muted or digitally attenuated by 18dB. Alternatively, the PGA gain
can be held constant (preventing it from ramping up as it normally would when the signal is quiet).
The table below summarises the noise gate control register. The NGTH control bits set the noise
gate threshold with respect to the ADC full-scale range. The threshold is adjusted in 1.5dB steps.
Levels at the extremes of the range may cause inappropriate operation, so care should be taken with
set–up of the function. Note that the noise gate only works in conjunction with the ALC function, and
always operates on the same channel(s) as the ALC (left, right, both, or none).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:3
NGTH
[4:0]
00000
Noise gate threshold
00000
-76.5dBfs
00001
-75dBfs
… 1.5 dB steps
11110
-31.5dBfs
11111
-30dBfs
2:1
NGG
[1:0]
00
Noise gate type
X0 = PGA gain held constant
01 = mute ADC output
10 = reserved (do not use this setting)
11 = reserved (do not use this setting)
R20 (14h)
Noise Gate
Control
0
NGAT
0
Noise gate function enable
1 = enable
0 = disable
Table 10 Noise Gate Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
ADCDIV2
0
ADC 6dB attenuate enable
0 = disabled (0dB)
1 = -6dB enabled
R5 (05h)
ADC and DAC
control
7
DACDIV2
0
DAC 6dB attenuate enable
0 = disabled (0dB)
1 = -6dB enabled
Table 11 ADC and DAC 6dB Attenuation Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com