Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8971L Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
21
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8971L uses a multi-bit, oversampled sigma-delta ADC for each channel. The use of multi-bit
feedback and high oversampling rates reduces the effects of jitter and high frequency noise. The
ADC Full Scale input level is proportional to AVDD. With a 3.3V supply voltage, the full scale level is
1.0 Volts r.m.s. Any voltage greater than full scale may overload the ADC and cause distortion.
ADC DIGITAL FILTER
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. The digital
filter path is illustrated in Figure 7.
FROM ADC
DIGITAL
HPF
DIGITAL
FILTER
TO DIGITAL
AUDIO
INTERFACE
DIGITAL
DECIMATOR
ADCHPD
Figure 7 ADC Digital Filter
The ADC digital filters contain a digital high pass filter, selectable via software control. The high-pass
filter response is detailed in the Digital Filter Characteristics section. When the high-pass filter is
enabled the dc offset is continuously calculated and subtracted from the input signal. By setting
HPOR, the last calculated dc offset value is stored when the high-pass filter is disabled and will
continue to be subtracted from the input signal.
If the DC offset is changed, the stored and
subtracted value will not change unless the high-pass filter is enabled. This feature can be used for
calibration purposes.
The output data format can be programmed by the user to accommodate stereo or monophonic
recording on both inputs.
The polarity of the output signal can also be changed under software
control. The software control is shown in Table 7.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:5
ADCPOL
[1:0]
00
00 = Polarity not inverted
01 = L polarity invert
10 = R polarity invert
11 = L and R polarity invert
4
HPOR
0
Store dc offset when High Pass
Filter disabled
1 = store offset
0 = clear offset
R5 (05h)
ADC and DAC
Control
0
ADCHPD
0
ADC High Pass Filter Enable
(Digital)
1 = Disable High Pass Filter
0 = Enable High Pass Filter
Table 7 ADC Signal Path Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com