Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8971L Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 37Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 38Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 39Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
WM8971L
Advanced Information
w
AI Rev 3.0 March 2004
36
The DC blocking capacitors and the load resistance together determine the lower cut-off frequency,
fc. Assuming a 10 kOhm load and C1, C2 = 1
µF:
fc = 1 / 2
π (RL+R1) C1 = 1 / (2π x 10.1kΩ x 1µF) = 16 Hz
Increasing the capacitance lowers fc, improving the bass response. Smaller values of C1 and C2 will
diminish the bass response. The function of R1 and R2 is to protect the line outputs from damage
when used improperly.
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data into the WM8971L and outputting ADC data
from it. It uses five pins:
•
ADCDAT: ADC data output
•
ADCLRC: ADC data alignment clock
•
DACDAT: DAC data input
•
ADCLRC: DAC data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK, ADCLRC and DACLRC can be outputs when the WM8971L operates as a
master, or inputs when it is a slave (see Master and Slave Mode Operation, below).
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I
2S
•
DSP mode
All four of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
MASTER AND SLAVE MODE OPERATION
The WM8971L can be configured as either a master or slave mode device. As a master device the
WM8971L generates BCLK, ADCLRC and DACLRC and thus controls sequencing of the data
transfer on ADCDAT and DACDAT. In slave mode, the WM8971L responds with data to clocks it
receives over the digital audio interface. The mode can be selected by writing to the MS bit (see
Table 23). Master and slave modes are illustrated below.
Figure 14 Master Mode
Figure 15 Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com