Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8971L Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
WM8971L
Advanced Information
w
AI Rev 3.0 March 2004
24
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:7
ALCSEL
[1:0]
00
(OFF)
ALC function select
00 = ALC off (PGA gain set by register)
01 = Right channel only
10 = Left channel only
11 = Stereo (PGA registers unused)
Note: ensure that LINVOL and
RINVOL settings (reg. 0 and 1) are
the same before entering this mode.
6:4
MAXGAIN
[2:0]
111
(+30dB)
Set Maximum Gain of PGA
111 : +30dB
110 : +24dB
….(-6dB steps)
001 : -6dB
000 : -12dB
R17 (11h)
ALC Control 1
3:0
ALCL
[3:0]
1011
(-12dB)
ALC target – sets signal level at ADC
input
0000 = -28.5dB FS
0001 = -27.0dB FS
… (1.5dB steps)
1110 = -7.5dB FS
1111 = -6dB FS
7
ALCZC
0 (zero
cross
off)
ALC uses zero cross detection circuit.
R18 (12h)
ALC Control 2
3:0
HLD
[3:0]
0000
(0ms)
ALC hold time before gain is increased.
0000 = 0ms
0001 = 2.67ms
0010 = 5.33ms
… (time doubles with every step)
1111 = 43.691s
7:4
DCY
[3:0]
0011
(192ms)
ALC decay (gain ramp-up) time
0000 = 24ms
0001 = 48ms
0010 = 96ms
… (time doubles with every step)
1010 or higher = 24.58s
R19 (13h)
ALC Control 3
3:0
ATK
[3:0]
0010
(24ms)
ALC attack (gain ramp-down) time
0000 = 6ms
0001 = 12ms
0010 = 24ms
… (time doubles with every step)
1010 or higher = 6.14s
Table 9 ALC Control
PEAK LIMITER
To prevent clipping when a large signal occurs just after a period of quiet, the ALC circuit includes a
limiter function. If the ADC input signal exceeds 87.5% of full scale (–1.16dB), the PGA gain is
ramped down at the maximum attack rate (as when ATK = 0000), until the signal level falls below
87.5% of full scale. This function is automatically enabled whenever the ALC is enabled.
Note:
If ATK = 0000, then the limiter makes no difference to the operation of the ALC. It is designed to
prevent clipping when long attack times are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com