Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8971L Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 37Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 38Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
35
THERMAL SHUTDOWN
The speaker and headphone outputs can drive very large currents. To protect the WM8971L from
overheating a thermal shutdown circuit is included. If the device temperature reaches approximately
150
0C and the thermal shutdown circuit is enabled (TSDEN = 1) then the analogue outputs
(OUT1L/R, OUT2L/R) will be disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control (1)
8
TSDEN
0
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 27 Thermal Shutdown
HEADPHONE OUTPUT
Analogue outputs LOUT1/ROUT1 and LOUT2/ROUT2, can drive a 16
Ω or 32Ω headphone load,
through DC blocking capacitors.
Figure 11 Recommended Headphone Output Configuration
The DC blocking capacitors and the load resistance together determine the lower cut-off frequency,
fc. Increasing the capacitance lowers fc, improving the bass response. Smaller capacitance values
will diminish the bass response. Assuming a 16 Ohm load and C1, C2 = 220
µF:
fc = 1 / 2
π RLC1 = 1 / (2π x 16Ω x 220µF) = 45 Hz
SPEAKER OUTPUT
LOUT2 and ROUT2 can differentially drive a mono 8
Ω speaker as shown below.
Figure 12 Speaker Output Connection
The right channel is inverted by setting the ROUT2INV bit, so that the signal across the loudspeaker
is the sum of left and right channels.
LINE OUTPUT
The analogue outputs, LOUT1/ROUT1 and LOUT2/ROUT2, can be used as line outputs.
Recommended external components are shown below.
Figure 13 Recommended Circuit for Line Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com