Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8971L Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
27
GRAPHIC EQUALISER
The WM8971L has a digital graphic equaliser and adaptive bass boost function. This function
operates on digital audio data before it is passed to the audio DACs. Bass enhancement can take
two different forms:
•
Linear bass control: bass signals are amplified or attenuated by a user programmable
gain. This is independent of signal volume, and very high bass gains on loud signals
may lead to signal clipping.
•
Adaptive bass boost: The bass volume is amplified by a variable gain. When the bass
volume is low, it is boosted more than when the bass volume is high. This method is
recommended because it prevents clipping, and usually sounds more pleasant to the
human ear.
Treble control applies a user programmable gain, without any adaptive boost function. Bass and
treble control are completely independent with separately programmable gains and filter
characteristics.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
BB
0
Bass Boost
0 = Linear bass control
1 = Adaptive bass boost
6
BC
0
Bass Filter Characteristic
0 = Low Cutoff (130Hz at 48kHz sampling)
1 = High Cutoff (200Hz at 48kHz sampling)
Bass Intensity
Code
BB=0
BB=1
0000
+9dB
15 (max)
0001
+9dB
14
0010
+7.5dB
13
0011
+6dB
12
0100
+4.5dB
11
0101
+3dB
10
0110
+1.5dB
9
0111
0dB
8
1000
-1.5dB
7
1001
-3dB
6
1010
-4.5dB
5
1011
-6dB
4
1100
-6dB
3
1101
-6dB
2
1110
-6dB
1
R12 (0Ch)
Bass Control
3:0
BASS
[3:0]
1111
(Disabled)
1111
Bypass (OFF)
6
TC
0
Treble Filter Characteristic
0 = High Cutoff (8kHz at 48kHz sampling)
1 = Low Cutoff (4kHz at 48kHz sampling)
R13 (0Dh)
Treble Control
3:0
TRBL
[3:0]
1111
(Disabled)
Treble Intensity
0000 or 0001 = +9dB
0010 = +7.5dB
… (1.5dB steps)
1011 to 1110 = -6dB
1111 = Disable
Table 13 Graphic Equaliser



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com