Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8971L Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 41Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 42Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 43Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 44Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 45Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 46Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 47Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 48Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
45
SAVING POWER BY REDUCING OVERSAMPLING RATE
The default mode of operation of the ADC and DAC digital filters is in 128x oversampling mode.
Under the control of ADCOSR and DACOSR the oversampling rate may be halved. This will result in
a slight decrease in noise performance but will also reduce the power consumption of the device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
ADCOSR
0
ADC oversample rate select
1 = 64x (lowest power)
0 = 128x (best SNR)
R24 (18h)
Additional Control
(2)
0
DACOSR
0
DAC oversample rate select
1 = 64x (lowest power)
0 = 128x (best SNR)
Table 38 ADC and DAC Oversampling Rate Selection
SAVING POWER AT LOW SUPPLY VOLTAGES
The analogue supplies to the WM8971L can run from 1.8V to 3.6V. By default, all analogue circuitry
on the device is optimized to run at 3.3V. This set-up is also good for all other supply voltages down
to 1.8V. However, at lower voltages, it is possible to save power by reducing the internal bias
currents used in the analogue circuitry. This is controlled as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control(1)
7:6
VSEL
[1:0]
11
Analogue Bias optimization
00: Lowest bias current, optimized for AVDD=1.8V
01: Low bias current, optimized for AVDD=2.5V
1X: Default bias current, optimized for AVDD=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com