Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8971L Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
WM8971L
Advanced Information
w
AI Rev 3.0 March 2004
32
LOUT2/ROUT2 OUTPUTS
The LOUT2 and ROUT2 output pins are essentially similar to LOUT1 and ROUT1, but they are
independently controlled and can also drive an 8
Ω mono speaker (see Speaker Output section). For
speaker drive, the ROUT2 signal must be inverted (ROUT2INV = 1), so that the left and right channel
are mixed to mono in the speaker [L–(-R) = L+R].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
LOUT2VOL
[6:0]
1111001
(0dB)
Similar to LOUT1VOL
7
LO2ZC
0
Left zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R40 (28h)
LOUT2
Volume
8
LO2VU
0
Same as LO1VU
6:0
ROUT2VOL
[6:0]
1111001
(0dB)
Similar ROUT1VOL
7
RO2ZC
0
Right zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R41 (29h)
ROUT2
Volume
8
RO2VU
0
Same as RO1VU
R24 (18h)
Additional
Control (2)
4
ROUT2INV
0
ROUT2 Invert
0 = No Inversion (0
° phase shift)
1 = Signal inverted (180
° phase shift)
Table 21 LOUT2/ROUT2 Volume Control
MONO OUTPUT
The MONOOUT pin can drive a mono line output. The signal volume on MONOOUT can be adjusted
under software control by writing to MONOOUTVOL.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
MONOOUT
VOL [6:0]
1111001
(0dB)
MONOOUT Volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0101111 to 0000000 = Analogue MUTE
R42 (2Ah)
MONOOUT
Volume
7
MOZC
0
MONOOUT zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
Table 22 MONOOUT Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com