Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8971L Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
WM8971L
Advanced Information
w
AI Rev 3.0 March 2004
28
DIGITAL TO ANALOGUE CONVERTER (DAC)
After passing through the graphic equaliser filters, digital ‘de-emphasis’ can be applied to the audio
data if necessary (e.g. when the data comes from a CD with pre-emphasis used in the recording).
De-emphasis filtering is available for sample rates of 48kHz, 44.1kHz and 32kHz.
The WM8971L also has a Soft Mute function, which gradually attenuates the volume of the digital
signal to zero. When removed, the gain will ramp back up to the digital gain setting. This function is
enabled by default. To play back an audio signal, it must first be disabled by setting the DACMU bit
to zero.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:1
DEEMP
[1:0]
00
De-emphasis Control
11 = 48kHz sample rate
10 = 44.1kHz sample rate
01 = 32kHz sample rate
00 = No De-emphasis
R5 (05h)
ADC and DAC
Control
3
DACMU
1
Digital Soft Mute
1 = mute
0 = no mute (signal active)
Table 14 DAC Control
The digital audio data is converted to oversampled bit streams in the on-chip, true 24-bit digital
interpolation filters. The bitstream data enters two multi-bit, sigma-delta DACs, which convert them to
high quality analogue audio signals. The multi-bit DAC architecture reduces high frequency noise and
sensitivity to clock jitter. It also uses a Dynamic Element Matching technique for high linearity and
low distortion.
In normal operation, the left and right channel digital audio data is converted to analogue in two
separate DACs. However, it is also possible to disable one channel, so that the same signal (left or
right) appears on both analogue output channels. Additionally, there is a mono-mix mode where the
two audio channels are mixed together digitally and then converted to analogue using only one DAC,
while the other DAC is switched off. The mono-mix signal can be selected to appear on both
analogue output channels.
The DAC output defaults to non-inverted. Setting DACINV will invert the DAC output phase on both
left and right channels.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:4
DMONOMIX
[1:0]
00
DAC mono mix
00: stereo
01: mono ((L+R)/2) into DACL, ‘0’ into
DACR
10: mono ((L+R)/2) into DACR, ‘0’ into
DACL
11: mono ((L+R)/2) into DACL and
DACR
R23 (17h)
Additional
Control (1)
1
DACINV
0
DAC phase invert
0 : non-inverted
1 : inverted
Table 15 DAC Mono Mix and Phase Invert Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com