Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9219 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC9219
Description  TFT- LCD DC-DC Converters with Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9219 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC9219 Datasheet HTML 1Page - E-CMOS Corporation EC9219 Datasheet HTML 2Page - E-CMOS Corporation EC9219 Datasheet HTML 3Page - E-CMOS Corporation EC9219 Datasheet HTML 4Page - E-CMOS Corporation EC9219 Datasheet HTML 5Page - E-CMOS Corporation EC9219 Datasheet HTML 6Page - E-CMOS Corporation EC9219 Datasheet HTML 7Page - E-CMOS Corporation EC9219 Datasheet HTML 8Page - E-CMOS Corporation EC9219 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TFT- LCD DC-DC Converters with Operational Amplifiers
EC9219
P 5 / 14
2009/09/29
Typical Application Circuit
D1
BAT54S
1
3
2
C15
47nF
VIN
R4
NC
R10
0
FB
VCOM
C6
0.22uF
FSLC
C3
0.22uF
J1
VGFF= -6V/20mA
1
VDD
D3
BAT54S
1
3
2
VIN
C2
0.1uF
J5
CON1
1
C13
C12
Q2 2N3904
3
1
J2
VGON= +18V/20mA
1
C18
6.8nF
R8
13K_1%
C5
0.1uF
U1
EC9219
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OPOUT
IN+
OPGND
COMP
FB
/SHDN
GND
IN-
OPVSUP
OPVCC
SS
FREQ
IN
LX
C4
0.1uF
/SHDN
D5
FM220
1
2
C7
C16
10pF
C1
0.1uF
J6
CON1
1
COMP
R3
87.6K_1%
Q1 2N3906
3
1
R11
1
3
R2
270
R7
NC
R13
12K_1%
VDD
SS
VDD
C8
VDD=9.6V
±0.2V
C10
J3
CON1
1
R12
13K_1%
J7
CON1
1
D2
6.8V
LX
C14
0.1UF
C17
0.1uF
C9
L1
10UH
R1
1K
C11
J4
CON1
1
R9
20K
R6 0
D4
18.8V
R5
10.5K_1%
LX
VIN
VIN
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com