Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9219 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC9219
Description  TFT- LCD DC-DC Converters with Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9219 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC9219 Datasheet HTML 1Page - E-CMOS Corporation EC9219 Datasheet HTML 2Page - E-CMOS Corporation EC9219 Datasheet HTML 3Page - E-CMOS Corporation EC9219 Datasheet HTML 4Page - E-CMOS Corporation EC9219 Datasheet HTML 5Page - E-CMOS Corporation EC9219 Datasheet HTML 6Page - E-CMOS Corporation EC9219 Datasheet HTML 7Page - E-CMOS Corporation EC9219 Datasheet HTML 8Page - E-CMOS Corporation EC9219 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TFT- LCD DC-DC Converters with Operational Amplifiers
EC9219
P 3 / 14
2009/09/29
Absolute Maximum rating
( TA = 25℃ )
VIN to SGND......................................................-0.3V to +6V
Comp, FB, SD , Freq to SGND ........................-0.3V to +6V
PGND to SGND .......................................................... ±0.3V
LX to PGND....................................................-0.3V to +18V
SUP,IN+,IN- to SGND .....................................-0.3V to +18V
Out Maximum Continuous Output Current ......±150mA
RMS LX Pin Current......................................................1.6A
Operating Ambient Temperature ......... -40℃ to +85℃
Operating Junction Temperature........................ +125℃
Storage temperature ......................... -65℃ to +150℃
Lead Temperature ............................................+260℃
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Specifications
VIN = 3V, VSUP = 10V ,FSEL = GND, TA =25℃ unless otherwise specified
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VIN Supply Range
VIN
2.6
5.5
V
VIN Under voltage-Lockout
Threshold
VUVLO
VIN rising ,typical hysteresis = 40mV
2.25
2.38
2.52
V
SD = VIN,VFB=1.3, not switching
0.4
1
mA
Quiescent Current
IIN
SD = VIN,VFB=COMP, switching
4
5
mA
Shutdown Supply Current
IIN
SD = SGND include OP.
0.1
1
uA
Input Low Level
VIL
SD , Freq ;VIN=3V to 5.5V
0.3VIN
V
Input High Level
VIH
SD , Freq ;VIN=3V to 5.5V
0.7VIN
V
Hysteresis
SD , Freq ;VIN=3V to 5.5V
0.1VIN
V
Freq Input Current
Freq =VIN
1
nA
SD Input Current
SD =VIN
1
nA
Temperature rising
130
°
C
Thermal Shutdown
Hysteresis
30
°
C
Main STEP-UP REGULATOR
Output Voltage Range
Vmain
VIN
18
V
Freq=GND
500
640
750
kHz
Frequency
fosc
Freq=
VIN,
1000
1200
1500
kHz
Freq=GND
85
90
95
%
Maximum Duty Cycle
D
Freq=
VIN,
85
90
95
%
FB Regulation Voltage
VFB
load=50mA
1.222
1.24
1.258
V
FB Line Regulation
VIN=2.6V to 5.5V
0.5
%
FB Input Bias Current
VFB=1.4
1
nA
Voltage Gain
Av
FB to Comp
1000
V/V
Swicth On-Resistance
Rds(on)
160
250
LX Leakage Current
ILX
VLX=18V
1.8
uA
LX Current Limit
2
A
Current-Sense
Tran conductance
Rcs
0.047
V/A
OPEATIONAL AMPLIFERS
SUP Supply Range
Vsup
4.5
18
V
SUP Supply Current
Isup
Buffer configuration ,no load
OUT=4V,Vsup=8V
2.8
4
mA
Input Offset Voltage
VOS
OUT= Vsup/2
20
mV
Input Bias Current
IBIAS
OUT= Vsup/2
2
50
nA
Input Common-Mode Range
VCM
0
Vsup
V
Common-Mode Rejection Ratio
CMRR
50
70
dB
Open-Loop Gain
AV
75
100
dB
Output Voltage Swing ,High
VOH
IOUT=5mA
Vsup-150
Vsup-80
mV
Output Voltage Swing ,Low
VOL
IOUT=-5mA
70
150
mV
Power-Supply Rejection Ratio
PSRR
60
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com