Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9219 Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC9219
Description  TFT- LCD DC-DC Converters with Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9219 Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC9219 Datasheet HTML 2Page - E-CMOS Corporation EC9219 Datasheet HTML 3Page - E-CMOS Corporation EC9219 Datasheet HTML 4Page - E-CMOS Corporation EC9219 Datasheet HTML 5Page - E-CMOS Corporation EC9219 Datasheet HTML 6Page - E-CMOS Corporation EC9219 Datasheet HTML 7Page - E-CMOS Corporation EC9219 Datasheet HTML 8Page - E-CMOS Corporation EC9219 Datasheet HTML 9Page - E-CMOS Corporation EC9219 Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TFT- LCD DC-DC Converters with Operational Amplifiers
EC9219
P 6 / 14
2009/09/29
Typical operating Characteristics
Typical Application Circuit, Vin=3.3V, VMAIN=9.6 ,VGON=18V , VGOFF=-6V , OUT=6V , Freq=Vin TA=25℃
unless otherwise noted.)
No-Load Supply Current vs. Input Voltage
Freq=640kHz
No-Load Supply Current vs. Input Voltage
Freq=1.2MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.533.5
44.555.5
Input Voltage(V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.533.5
4
4.555.5
Input Voltage
Output Voltage vs. Output Curren
Efficiency vs. Output Current
9.8
9.85
9.9
9.95
10
10.05
10.1
0
50
100
150
200
250
300
Output Current(mA)
50.00%
55.00%
60.00%
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
1
10
100
1000
Output Current (mA)
3.3V
5V
Vout=10V,Vin=3.3V,L=10uH, Freq=640KHz
Vout=9.6V,L=10uH,Freq=640kHz
FB Voltage vs. Temperature
1.222
1.227
1.232
1.237
1.242
1.247
1.252
1.257
-40
-20
0
20406080
100
120
140
Temperature(℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com