Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9219 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC9219
Description  TFT- LCD DC-DC Converters with Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9219 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC9219 Datasheet HTML 1Page - E-CMOS Corporation EC9219 Datasheet HTML 2Page - E-CMOS Corporation EC9219 Datasheet HTML 3Page - E-CMOS Corporation EC9219 Datasheet HTML 4Page - E-CMOS Corporation EC9219 Datasheet HTML 5Page - E-CMOS Corporation EC9219 Datasheet HTML 6Page - E-CMOS Corporation EC9219 Datasheet HTML 7Page - E-CMOS Corporation EC9219 Datasheet HTML 8Page - E-CMOS Corporation EC9219 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TFT- LCD DC-DC Converters with Operational Amplifiers
EC9219
P 1 / 14
2009/09/29
General
Description
The EC9219 include a high-performance step-up regulator, and high-current operational amplifiers for active-matrix
thin-film transistor (TFT) liquid-crystal displays (LCDs).
The step-up DC-DC converter provides the regulated supply voltage for the panel source driver ICs. The converter is
a high-frequency (1.2MHz or 640KHZ) current-mode regulator with an integrated 18V n-channel MOSFET that
allows the use of ultra-small inductors and ceramic capacitors. It provides fast transient response to pulsed loads
while achieving efficiencies over 85%.
The EC9219 includes one operational amplifier. These amplifiers are designed to drive the LCD backplane (VCOM)
and/or the gamma-correction divider string. The devices feature high output current (±150mA), fast slew rate
(17V/μs), wide bandwidth (12MHz), and rail-to-rail inputs and outputs
The EC9219 are available in 14- pin thin TSOP packages with a maximum thickness of 1mm for ultra-thin LCD
panels.
Features
2.6V to 5.5V Input Supply Range
1.2MHz or 640KHZ Current-Mode Step-Up Regulator
Fast Transient Response to Pulsed Load
High-Accuracy Output Voltage ( 2% )
Built-In 18V, 1.6A, 0.16Ω N-Channel MOSFET
High Efficiency (90%)
High-Performance Operational Amplifiers
17V/μs Slew Rate
12MHz, -3dB Bandwidth
Rail-to-Rail Inputs/Outputs
Thermal-Overload Protection
Applications
Notebook Computer Displays ,
LCD Monitor Panels ,
Automotive Displays
Ordering information
PART NO
MARKING
PACKAGE
EC9219I-G
EC9219-G
TSSOP14 Green Package
EC9219G-G
EC9219G
TQFN16 Green Package


Similar Part No. - EC9219

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
High Efficiency 1.5MHz, Step up Regulator
EC9210NNT2R E-CMOS-EC9210NNT2R Datasheet
903Kb / 16P
High Efficiency 1.5MHz, Step up Regulator
EC9211 E-CMOS-EC9211 Datasheet
847Kb / 15P
High Efficiency 1.5MHz, Step up Regulator
EC9211NNB3R E-CMOS-EC9211NNB3R Datasheet
847Kb / 15P
High Efficiency 1.5MHz, Step up Regulator
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
Step-up DC/DC Controller
More results

Similar Description - EC9219

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1542 MAXIM-MAX1542 Datasheet
506Kb / 20P
TFT LCD DC-to-DC Converter with Operational Amplifiers
19-2741; Rev 0; 4/03
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
September 26, 2005
logo
Maxim Integrated Produc...
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
TFT-LCD DC/DC Converter with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com